データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

V18ZA05 データシート(PDF) 6 Page - Harris Corporation

部品番号. V18ZA05
部品情報  Radial Lead Metal-Oxide Varistors for Low to Medium Voltage Operation
ダウンロード  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  HARRIS [Harris Corporation]
ホームページ  http://www.harris.com
Logo 

V18ZA05 Datasheet(HTML) 6 Page - Harris Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
4-39
FIGURE 5. CLAMPING VOLTAGE FOR V360ZA05 - V750ZA05
FIGURE 6. CLAMPING VOLTAGE FOR V8ZA1 - V68ZA2
FIGURE 7. CLAMPING VOLTAGE FOR V82ZA2 - V180ZA1
FIGURE 8. CLAMPING VOLTAGE FOR V8ZA2 - V68ZA3
FIGURE 9. CLAMPING VOLTAGE FOR V82ZA4 - V180ZA5
FIGURE 10. CLAMPING VOLTAGE FOR V18ZA3 - V68ZA10
Transient V-I Characteristics Curves (Continued)
3000
2000
1000
500
PEAK AMPERES (A)
0.01
0.1
1
10
100
1000
0.001
0.0001
V750ZA05
V715ZA05
V680ZA05
V620ZA05
V470ZA05
V430ZA05
V390ZA05
V360ZA05
MAX CLAMPING VOLTAGE
MODEL SIZE 5mm
360 TO 750VN(DC) RATING
TA = -55
oC TO 85oC
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
MAXIMUM CLAMPING VOLTAGE
8 TO 68VN(DC) RATING
TA = -55
oC TO 85oC
PEAK AMPERES (A)
V68ZA2
V56ZA2
V47ZA1
V39ZA1
V33ZA1
V27ZA1
V22ZA1
V12ZA1
V18ZA1
V8ZA1
MODEL SIZE 7mm
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 7mm
82 TO 180VN(DC) RATING
TA = -55
oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA1
V150ZA1
V120ZA1
V100ZA3
V82ZA2
500
400
300
200
100
90
80
70
60
50
40
30
20
10
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V68ZA3
V56ZA3
V47ZA3
V39ZA3
V33ZA2
V27ZA2
V22ZA2
V18ZA2
V8ZA2
V12ZA2
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
8 TO 68VN(DC) RATING
TA = -55
oC TO 85oC
PEAK AMPERES (A)
10-2
10-1
100
101
102
103
10-3
MAXIMUM CLAMPING VOLTAGE
MODEL SIZE 10mm
82 TO 180VN(DC) RATING
TA = -55
oC TO 85oC
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
100
104
V180ZA5
V150ZA4
V120ZA4
V100ZA4
V82ZA4
600
500
400
300
200
100
90
80
70
60
50
40
30
20
10-3
10-2
10-1
100
101
102
103
PEAK AMPERES (A)
V68ZA10
V56ZA8
V47ZA7
V39ZA6
V33ZA5
V27ZA4
V22ZA3
V18ZA3
MAXIMUM CLAMPING VOLTAGE
18 TO 68VN(DC) RATING
TA = -55
oC TO 85oC
MODEL SIZE 14mm
ZA Series


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



関連電子部品番号

部品番号コンポーネントの説明Html Viewメーカー
V130LA1Line Voltage Operation Radial Lead 1 2 3 4 5 MoreLittelfuse
V8ZA05PVaristor Products - Low to Medum Voltage Radial Lead 1 2 3 4 5 MoreLittelfuse
LTC3832High Power Step-Down Synchronous DC/DC Controllers for Low Voltage Operation 1 2 3 4 5 MoreLinear Technology
BBY51Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
BBY52-03WSilicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
V130LA1PVaristor Products - Line Voltage Operation Radial Lead 1 2 3 4 5 MoreLittelfuse
BBY52Silicon Tuning Diode High Q hyperabrupt dual tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
HD74ALVC2G04Low voltage and high speed operation is suitable for the battery powered products 1 2 3 4 5 MoreHitachi Semiconductor
BBY53-02WSilicon Tuning Diode High Q hyperabrupt tuning diode Designed for low tuning voltage operation 1 2 3 Siemens Semiconductor Group
MN3304512-Stage Ultra Low Voltage Operation BBD for Audio Signals 1 2 3 4 5 Panasonic Semiconductor

リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn