データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SMAJ440CA データシート(PDF) 3 Page - Littelfuse

部品番号 SMAJ440CA
部品情報  Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMAJ440CA データシート(HTML) 3 Page - Littelfuse

  SMAJ440CA Datasheet HTML 1Page - Littelfuse SMAJ440CA Datasheet HTML 2Page - Littelfuse SMAJ440CA Datasheet HTML 3Page - Littelfuse SMAJ440CA Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
35
7
tection
folio
OVERCURRENT
PROTECTION
TECHNOLOGIES (7-8)
In addition to our broad portfolio
of circuit protection technologies,
we offer an array of fuse holders
including circuit board, panel
or in-line wire mounted devices
to support a wide range of
application requirements.
4
ACCESSORIES
68
Switching Thyristors—
Solid-state switches used to
control the flow of electrical
current in applications, capable
of withstanding rated blocking/
off-state voltage until triggered
to on-state.
SWITCHING
TECHNOLOGIES
Supplies Lighting General Electronics
www.littelfuse.com for more information.
7. Positive Temperature
Coefficient Devices (PTCs)—
Provide resettable overcurrent
protection for a wide range of
applications.
8. Fuses — Full range including
surface mount, axial, glass or
ceramic, thin-film or Nano
style, fast-acting or SloBlo®,
MINI® and ATO® fuses.


同様の部品番号 - SMAJ440CA

メーカー部品番号データシート部品情報
logo
MDE Semiconductor, Inc.
SMAJ440CA MDE-SMAJ440CA Datasheet
111Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ440CA SOCAY-SMAJ440CA Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
StarHope
SMAJ440CA SPSEMI-SMAJ440CA Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Guangdong Juxing Electr...
SMAJ440CA JUXING-SMAJ440CA Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 400W
logo
PACELEADER INDUSTRIAL
SMAJ440CA PACELEADER-SMAJ440CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - SMAJ440CA

メーカー部品番号データシート部品情報
logo
Littelfuse
P4SMA6.8A LITTELFUSE-P4SMA6.8A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
P4KE6.8A LITTELFUSE-P4KE6.8A Datasheet
186Kb / 4P
   Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
SMCJ5.0A LITTELFUSE-SMCJ5.0A Datasheet
141Kb / 2P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
P6SMBJ6.8A LITTELFUSE-P6SMBJ6.8A Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
SMBJ5.0A LITTELFUSE-SMBJ5.0A Datasheet
255Kb / 4P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Supressors
1.5SMC LITTELFUSE-1.5SMC Datasheet
170Kb / 4P
   Silicon Avalanche Diodes - 1500W Surface Mount Transient Voltage Supressors
LCE6.5A LITTELFUSE-LCE6.5A Datasheet
121Kb / 4P
   Silicon Avalanche Diodes - 1500W Axial Leaded Transient Voltage Supressors
P6SMBJ6V8 LITTELFUSE-P6SMBJ6V8 Datasheet
245Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
SMBJ5.0 LITTELFUSE-SMBJ5.0 Datasheet
326Kb / 5P
   Silicon Avalanche Diodes - 600W Surface Mount Transient Voltage Suppressors
1KSMBJ LITTELFUSE-1KSMBJ Datasheet
211Kb / 4P
   Silicon Avalanche Diodes - 1000W Surface Mount Transient Voltage Suppressor
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com