データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

80C286883 データシート(PDF) 3 Page - Intersil Corporation

部品番号 80C286883
部品情報  High Performance Microprocessor with Memory Management and Protection
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

80C286883 データシート(HTML) 3 Page - Intersil Corporation

  80C286883 Datasheet HTML 1Page - Intersil Corporation 80C286883 Datasheet HTML 2Page - Intersil Corporation 80C286883 Datasheet HTML 3Page - Intersil Corporation 80C286883 Datasheet HTML 4Page - Intersil Corporation 80C286883 Datasheet HTML 5Page - Intersil Corporation 80C286883 Datasheet HTML 6Page - Intersil Corporation 80C286883 Datasheet HTML 7Page - Intersil Corporation 80C286883 Datasheet HTML 8Page - Intersil Corporation 80C286883 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
130
80C286/883
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage Applied. . . . . . GND -1.0V to VCC +1.0V
Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC
Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +175
oC
Lead Temperature (Soldering 10s). . . . . . . . . . . . . . . . . . . . +300oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Resistance (Typical)
θ
JA
θ
JC
PGA Package . . . . . . . . . . . . . . . . . . . . .
35oC/W
6oC/W
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22,500 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θ
JA is measured with the component mounted on an evaluation PC board in free air.
Operating Conditions
Operating Voltage Range . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V
Operating Temperature Range. . . . . . . . . . . . . . . . -55oC to +125oC
System Clock (CLK) RISE Time (From 1.0V to 3.6V . . . . 8ns (Max)
System Clock (CLK) FALL Time (from 3.6V to 1.0V) . . . . 8ns (Max)
Input RISE and FALL Time (From 0.8V to 2.0V
80C286-10/883 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10ns (Max)
80C286-12/883 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8ns (Max)
TABLE 1. 80C286/883 D.C. ELECTRICAL PERFORMANCE SPECIFICATIONS
Device Guaranteed and 100% Tested
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUB-
GROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Input LOW Voltage
VIL
VCC = 4.5V
1, 2, 3
-55oC
≤ T
A ≤ +125
oC-0.5
0.8
V
Input HIGH Voltage
VIH
VCC = 5.5V
1, 2, 3
-55oC
≤ T
A ≤ +125
oC2.0
VCC +0.5
V
CLK Input LOW Voltage
VILC
VCC = 4.5V
1, 2, 3
-55oC
≤ T
A ≤ +125
oC-0.5
1.0
V
CLK Input HIGH Voltage
VIHC
VCC = 5.5V
1, 2, 3
-55
oC
≤ T
A ≤ +125
oC3.6
VCC +0.5
V
Output LOW Voltage
VOL
IOL = 2.0mA, VCC = 4.5V
1, 2, 3
-55oC
≤ T
A ≤ +125
oC-
0.4
V
Output HIGH Voltage
VOH
IOH = -2.0mA, VCC = 4.5V
1, 2, 3
-55
oC
≤ T
A ≤ +125
oC3.0
-
V
IOH = -100µA, VCC = 4.5V
VCC -0.4
-
V
Input Leakage Current
II
VIN = GND or VCC,
VCC = 5.5V,
Pins 29, 31, 57, 59, 61,
63-64
1, 2, 3
-55
oC
≤ T
A ≤ +125
oC-10
10
µA
Input Sustaining Current
LOW
IBHL
VCC = 4.5V and 5.5V,
VIN = 1.0V, Note 1
1, 2, 3
-55oC
≤ T
A ≤ +125
oC38
200
µA
Input Sustaining Current
HIGH
IBHH
VCC = 4.5V and 5.5V,
VIN = 3.0V, Note 2
1, 2, 3
-55
oC
≤ T
A ≤ +125
oC
-50
-400
µA
Input Sustaining Current
on BUSY and ERROR
Pins
ISH
VCC = 4.5V and 5.5V
VIN = GND, Note 5
1, 2, 3
-55
oC
≤ T
A ≤ +125
oC
-30
-500
µA
Output Leakage Current
IO
VO = GND or VCC
VCC = 5.5V,
Pins 1, 7-8, 10-28, 32-34
1, 2, 3
-55
oC
≤ T
A ≤ +125
oC-10
10
µA
Active Power Supply
Current
ICCOP
80C286-10/883, Note 4
1, 2, 3
-55oC
≤ T
A ≤ +125
oC-
185
mA
80C286-12/883, Note 4
-
220
mA
Standby Power
Supply Current
ICCSB
VCC = 5.5V, Note 3
1, 2, 3
-55
oC
≤ T
A ≤ +125
oC-
5
mA
NOTES:
2. IBHL should be measured after lowering VIN to GND and then raising to 1.0V on the following pins: 36-51, 66, 67.
3. IBHH should be measured after raising VIN to VCC and then lowering to 3.0V on the following pins: 4-6, 36-51, 66-68.
4. ICCSB should be tested with the clock stopped in phase two of the processor clock cycle. VIN = VCC or GND, VCC = 5.5V, outputs unloaded.
5. ICCOP measured at 10MHz for the 80C286-10/883 and 12.5MHz for the 80C286-12/883. VIN = 2.4V or 0.4V, VCC = 5.5V, outputs unloaded.
6. ISH should be measured after raising VIN to VCC and then lowering to 0V on pins 53 and 54.


同様の部品番号 - 80C286883

メーカー部品番号データシート部品情報
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
80C286 INTERSIL-80C286 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
More results

同様の説明 - 80C286883

メーカー部品番号データシート部品情報
logo
Intersil Corporation
80C286 INTERSIL-80C286 Datasheet
365Kb / 13P
   High Performance Microprocessor with Memory Management and Protection
March 1997
logo
Advanced Micro Devices
80286 AMD-80286 Datasheet
3Mb / 62P
   HIGH PERFORMANCE MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
logo
Renesas Technology Corp
80C286 RENESAS-80C286 Datasheet
2Mb / 65P
   High Performance Microprocessor with Memory Management and Protection
logo
Intersil Corporation
80C286 INTERSIL-80C286_08 Datasheet
1Mb / 60P
   High Performance Microprocessor with Memory Management and Protection
80C286 INTERSIL-80C286_1 Datasheet
756Kb / 60P
   High Performance Microprocessor with Memory Management and Protection
logo
Intel Corporation
M80C286 INTEL-M80C286 Datasheet
957Kb / 60P
   HIGH PERFORMANCE CHMOS MICROPROCESSOR WITH MEMORY MANAGEMENT AND PROTECTION
NG80386DX33 INTEL-NG80386DX33 Datasheet
1Mb / 139P
   32-BIT CHMOS MICROPROCESSOR WITH INTEGRATED MEMORY MANAGEMENT
80960MC INTEL-80960MC Datasheet
406Kb / 39P
   EMBEDDED 32-BIT MICROPROCESSOR WITH INTEGRATED FLOATING-POINT UNIT AND MEMORY MANAGEMENT UNIT
logo
Dynex Semiconductor
MA31751 DYNEX-MA31751 Datasheet
160Kb / 17P
   Memory Management & Block Protection Unit
logo
RICOH electronics devic...
R5104V RICOH-R5104V Datasheet
794Kb / 20P
   Microprocessor power management with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com