データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMAG5124 データシート(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMAG5124
部品情報  TMAG5124 Hall Effect Switch With 2-Wire Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMAG5124 データシート(HTML) 19 Page - Texas Instruments

Back Button TMAG5124 Datasheet HTML 15Page - Texas Instruments TMAG5124 Datasheet HTML 16Page - Texas Instruments TMAG5124 Datasheet HTML 17Page - Texas Instruments TMAG5124 Datasheet HTML 18Page - Texas Instruments TMAG5124 Datasheet HTML 19Page - Texas Instruments TMAG5124 Datasheet HTML 20Page - Texas Instruments TMAG5124 Datasheet HTML 21Page - Texas Instruments TMAG5124 Datasheet HTML 22Page - Texas Instruments TMAG5124 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
12-Jun-2020
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
PTMAG5124A1CQDBZR
PREVIEW
SOT-23
DBZ
3
3000
TBD
Call TI
Call TI
-40 to 125
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


同様の部品番号 - TMAG5124

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMAG5124 TI-TMAG5124 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124 2-Wire, High-Precision, Hall-Effect Switch Sensor
TMAG5124 TI-TMAG5124 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
TMAG5124-Q1 TI-TMAG5124-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
TMAG5124A1CEDBZRQ1 TI-TMAG5124A1CEDBZRQ1 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
TMAG5124A1CQDBZR TI-TMAG5124A1CQDBZR Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124 2-Wire, High-Precision, Hall-Effect Switch Sensor
More results

同様の説明 - TMAG5124

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMAG5124 TI-TMAG5124_V01 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124 2-Wire, High-Precision, Hall-Effect Switch Sensor
TMAG5124-Q1 TI-TMAG5124-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   TMAG5124-Q1 Automotive 2-Wire, High-Precision, Hall-Effect Switch Sensor
NOVEMBER 2021
logo
Melexis Microelectronic...
MLX92241LUA-AAA-006 MELEXIS-MLX92241LUA-AAA-006 Datasheet
656Kb / 11P
   2-Wire Hall Effect Switch
MLX92241-BAA-XXX MELEXIS-MLX92241-BAA-XXX Datasheet
947Kb / 22P
   2-Wire Hall Effect Switch
MLX92241 MELEXIS-MLX92241 Datasheet
896Kb / 16P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-003 MELEXIS-MLX92241LUA-AAA-003 Datasheet
661Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LSE-AAA-008 MELEXIS-MLX92241LSE-AAA-008 Datasheet
735Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-007 MELEXIS-MLX92241LUA-AAA-007 Datasheet
687Kb / 11P
   2-Wire Hall Effect Switch
MLX92241LUA-AAA-005 MELEXIS-MLX92241LUA-AAA-005 Datasheet
693Kb / 11P
   2-Wire Hall Effect Switch
logo
Infineon Technologies A...
TLE4976-2K INFINEON-TLE4976-2K Datasheet
1Mb / 16P
   Hall Effect Switch with Current Interface
Rev. 1.2, 2010-08-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com