データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMAG5170-Q1 データシート(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMAG5170-Q1
部品情報  TMAG5170-Q1 3-Axis Linear Hall Effect Sensor With SPI Interface
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMAG5170-Q1 データシート(HTML) 16 Page - Texas Instruments

Back Button TMAG5170-Q1 Datasheet HTML 12Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 13Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 14Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 15Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 16Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 17Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 18Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 19Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
6 = 65'05_60 +
6#&%
6
F 6#&%60
6#&%
4'5
$
=
Fk&15 × 2Eo + Ã
&
E × 2
E
14
E
=4
212
× 2 $
4
12-bit data when CONV_AVG = 000b
Additional 4-bit LSB data when
CONV_AVG B 000b
$
=
F:&15 × 2
15 ; + Ã
&
E × 2
E
14
E
=0
216
× 2 $
4
16
TMAG5170-Q1
SBAS934 – JUNE 2020
www.ti.com
Product Folder Links: TMAG5170-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
Device Functional Modes (continued)
Table 3. Comparing Operating Modes (continued)
OPERATING MODE
DEVICE FUNCTION
INITIALIZATION TIME TO START
CONVERSION(1)
DATA CONVERSION
Sleep Mode
Device retains key configuration settings,
and last measurement data
tstart_sleep + tstand_by + 35 µs
The microcontroller can use sleep
mode to implement other power
saving intervals not supported by
wake-up and sleep mode.
Deep-sleep Mode
Device does not retain key configuration
settings, and last measurement data
tstart_deep_sleep + tstand_by + 35 µs
No conversion start is supported
during deep-sleep mode
7.5 Programming
7.5.1 Data Definition
7.5.1.1 Magnetic Sensor Data
The X, Y, and Z magnetic sensor data are stored in the X_CH_RESULT, Y_CH_RESULT, and Z_CH_RESULT
registers, respectively. The 12-bit ADC output is stored in 16-bit result registers in 2's complement format as
shown in Figure 6. With fastest conversion (CONV_AVG = 000b), the ADC output loads the 12 MSB bits of the
16-bit result register along with 4 LSB bits as zeros. With CONV_AVG
≠ 000b, all the 16 bits are used to store
the results. With DATA_TYPE = 00b, the 16-bit magnetic sensor data can be accessed through regular 32-bit
SPI read. The measured magnetic field can be calculated using Equation 1.
where
B is magnetic field in mT.
Di is the data bit as shown in Figure 6.
BR is the magnetic range in mT for the corresponding channel.
(1)
Figure 6. Magnetic Sensor Data Definition
With DATA_TYPE
≠ 00b, the 12 MSB bits from the magnetic result registers can be accessed. In this mode, the
measured magnetic field can be calculated using Equation 2.
(2)
7.5.1.2 Temperature Sensor Data
The TMAG5170-Q1 temperature sensor will measure temperature from –40 °C to 170 °C. The temperature is
stored in 16-bit TEMP_RESULT register as shown in Figure 7. With DATA_TYPE = 00b, the 16-bit temperature
data can be accessed through regular 32-bit SPI read. The temperature can be calculated using Equation 3.


同様の部品番号 - TMAG5170-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMAG5170-Q1 TI-TMAG5170-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
TMAG5170-Q1 TI-TMAG5170-Q1 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
TMAG5170-Q1 TI-TMAG5170-Q1_V01 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
More results

同様の説明 - TMAG5170-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMAG5170-Q1 TI-TMAG5170-Q1_V01 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
TMAG5170 TI-TMAG5170 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
[Old version datasheet]   TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
TMAG5170D-Q1 TI1-TMAG5170D-Q1_V01 Datasheet
2Mb / 80P
[Old version datasheet]   TMAG5170D-Q1 Dual-Die High-Precision 3D Linear Hall-Effect Sensor With SPI
MARCH 2023
TMAG5170D-Q1 TI-TMAG5170D-Q1 Datasheet
2Mb / 79P
[Old version datasheet]   TMAG5170D-Q1 Dual-Die High-Precision 3D Linear Hall-Effect Sensor With SPI
MARCH 2023
logo
Micronas
HAL2830 MICRONAS-HAL2830_16 Datasheet
443Kb / 34P
   Linear Hall-Effect Sensor Family with SENT Interface
logo
Texas Instruments
DRV5057-Q1 TI1-DRV5057-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   DRV5057-Q1 Automotive Linear Hall Effect Sensor With PWM Output
logo
TRINAMIC Motion Control...
TMCM-323 TRINAMIC-TMCM-323 Datasheet
474Kb / 1P
   3-Axis Encoder Interface with SPI
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com