データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMAG5170-Q1 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMAG5170-Q1
部品情報  TMAG5170-Q1 3-Axis Linear Hall Effect Sensor With SPI Interface
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TMAG5170-Q1 データシート(HTML) 9 Page - Texas Instruments

Back Button TMAG5170-Q1 Datasheet HTML 5Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 6Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 7Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 8Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 9Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 10Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 11Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 12Page - Texas Instruments TMAG5170-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
Temp sensor
+
-
ADC
Gain &
Filtering
GND
SCLK
Digital Core
Interface
MUX
Config Registers
Z
Y
X
Power Management & Oscillator
MOSI
MISO
CS
ALERT
V
CC
Result Registers
9
TMAG5170-Q1
www.ti.com
SBAS934 – JUNE 2020
Product Folder Links: TMAG5170-Q1
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The TMAG5170-Q1 IC is based on the Hall effect technology and precision mixed signal circuitry from Texas
Instruments. The output signals (raw X, Y, Z Magnetic data and Die temperature data) is provided through the
SPI interface. The device can be configured in multiple settings through user access registers through the SPI
interface.
The IC consists of the following functional and building blocks:
The power mode control system supports one VCC rail, containing a low-power oscillator, basic biasing,
accurate reset, undervoltage, overvoltage detection, and a fast oscillator.
The sensing and temperature measurement block contains the HALL biasing, HALL probes with multiplexers,
noise filters, temperature sensor, and ADC. The Hall sensor data and temperature data are multiplexed
through the same ADC
The SPI interface, containing the register files and I/O pads. The TMAG5170-Q1 supports SPI interface along
with integrated cyclic redundancy check (CRC).
The safety block is embedded in the circuitry to enable mandatory and user enabled safety checks.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Magnetic Flux Direction
The TMAG5170-Q1 is sensitive to the magnetic field component in X, Y, and Z directions. The X and Y fields are
in plane with the package. The Z filed is perpendicular to the top of the package. The device is sensitive to both
magnetic north and south poles in each axis. As shown in Figure 2, the device will generate positive ADC codes
in response to a magnetic south pole in the proximity. Similarly, the device will generate negative ADC codes if
magnetic north poles approach from the same directions.


同様の部品番号 - TMAG5170-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMAG5170-Q1 TI-TMAG5170-Q1 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
TMAG5170-Q1 TI-TMAG5170-Q1 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
TMAG5170-Q1 TI-TMAG5170-Q1_V01 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
More results

同様の説明 - TMAG5170-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
TMAG5170-Q1 TI-TMAG5170-Q1_V01 Datasheet
2Mb / 61P
[Old version datasheet]   TMAG5170-Q1 High-Precision 3D Linear Hall-Effect Sensor With SPI
DECEMBER 2021
TMAG5170 TI-TMAG5170 Datasheet
2Mb / 60P
[Old version datasheet]   TMAG5170 High-Precision 3D Linear Hall-Effect Sensor With SPI
SEPTEMBER 2021
TMAG5273 TI-TMAG5273 Datasheet
2Mb / 59P
[Old version datasheet]   TMAG5273 3-Axis Linear Hall Effect Sensor With I2C Interface
TMAG5170D-Q1 TI1-TMAG5170D-Q1_V01 Datasheet
2Mb / 80P
[Old version datasheet]   TMAG5170D-Q1 Dual-Die High-Precision 3D Linear Hall-Effect Sensor With SPI
MARCH 2023
TMAG5170D-Q1 TI-TMAG5170D-Q1 Datasheet
2Mb / 79P
[Old version datasheet]   TMAG5170D-Q1 Dual-Die High-Precision 3D Linear Hall-Effect Sensor With SPI
MARCH 2023
logo
Micronas
HAL2830 MICRONAS-HAL2830_16 Datasheet
443Kb / 34P
   Linear Hall-Effect Sensor Family with SENT Interface
logo
Texas Instruments
DRV5057-Q1 TI1-DRV5057-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   DRV5057-Q1 Automotive Linear Hall Effect Sensor With PWM Output
logo
TRINAMIC Motion Control...
TMCM-323 TRINAMIC-TMCM-323 Datasheet
474Kb / 1P
   3-Axis Encoder Interface with SPI
logo
SEC Electronics Inc.
SS3503 SECELECTRONICS-SS3503 Datasheet
104Kb / 5P
   Linear Hall Effect Sensor
logo
List of Unclassifed Man...
MLX90242 ETC2-MLX90242_04 Datasheet
156Kb / 7P
   Linear Hall Effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com