データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BGL26125 データシート(PDF) 1 Page - Schneider Electric

部品番号 BGL26125
部品情報  PowerPact B Circuit Breaker, 125A, 2P, 600Y/347V AC, 18kA at 600Y UL EverLink
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SCHNEIDER [Schneider Electric]
ホームページ  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

BGL26125 データシート(HTML) 1 Page - Schneider Electric

  BGL26125 Datasheet HTML 1Page - Schneider Electric BGL26125 Datasheet HTML 2Page - Schneider Electric BGL26125 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
BGL26125
PowerPact B Circuit Breaker, 125A, 2P,
600Y/347V AC, 18kA at 600Y UL EverLink
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 2,021.00 USD
Main
Range
PowerPact
Product name
PowerPact B
Device short name
BG 125
Product or component type
Circuit breaker
Device application
Distribution
Complementary
Line Rated Current
125 A
Number of Poles
2P
Control type
Toggle
Breaking capacity code
G
Breaking capacity
65 kA 208Y/120 V AC 50/60 Hz UL 489
65 kA 240 V AC 50/60 Hz UL 489
35 kA 480/277 V AC 50/60 Hz UL 489
35 kA 480 V AC 50/60 Hz UL 489
18 kA 250 V DC UL 489
18 kA 600Y/347 V AC 50/60 Hz UL 489
[Ue] rated operational voltage
525 V AC 50/60 Hz UL 489
[Ics] rated service breaking capacity
65 kA 220...240 V AC 50/60 Hz IEC 60947-2
18 kA 500...525 V AC 50/60 Hz IEC 60947-2
35 kA 380...415 V AC 50/60 Hz IEC 60947-2
35 kA 440 V AC 50/60 Hz IEC 60947-2
[Uimp] rated impulse withstand voltage
8 kV IEC 60947-2
[Ui] rated insulation voltage
800 V IEC 60947-2
Trip unit technology
Thermal-magnetic
Suitability for isolation
Yes IEC 60947-2
Utilisation category
Category A
Mechanical durability
20000 cycles IEC 947-1 Annex K ed 5.2
Jun 22, 2020
1


同様の部品番号 - BGL26125

メーカー部品番号データシート部品情報
logo
Schneider Electric
BGL26125LU SCHNEIDER-BGL26125LU Datasheet
103Kb / 3P
   Circuit breaker, PowerPact B, 125A, 2 poles, 600Y/347V AC, 18kA at 600Y/347 UL, Everlink, control wire ON end
More results

同様の説明 - BGL26125

メーカー部品番号データシート部品情報
logo
Schneider Electric
BGP26125 SCHNEIDER-BGP26125 Datasheet
100Kb / 2P
   PowerPact B Circuit Breaker, 125A, 2P, 600Y/347V AC, 18kA at 600Y UL EverLink
BGM26125 SCHNEIDER-BGM26125 Datasheet
100Kb / 2P
   PowerPact B Circuit Breaker, 125A, 2P, 600Y/347V AC, 18kA at 600Y UL EverLink
BGL36125 SCHNEIDER-BGL36125 Datasheet
118Kb / 3P
   PowerPact B Circuit Breaker, 125A, 3P, 600Y/347V AC, 18kA at 600Y UL EverLink
BGP36125 SCHNEIDER-BGP36125 Datasheet
111Kb / 2P
   PowerPact B Circuit Breaker, 125A, 3P, 600Y/347V AC, 18kA at 600Y UL EverLink
BGM46125 SCHNEIDER-BGM46125 Datasheet
118Kb / 2P
   PowerPact B Circuit Breaker, 125A, 4P, 600Y/347V AC, 18kA at 600Y UL EverLink
BGM36125 SCHNEIDER-BGM36125 Datasheet
111Kb / 2P
   PowerPact B Circuit Breaker, 125A, 3P, 600Y/347V AC, 18kA at 600Y UL EverLink
BGL46125 SCHNEIDER-BGL46125 Datasheet
123Kb / 3P
   PowerPact B Circuit Breaker, 125A, 4P, 600Y/347V AC, 18kA at 600Y UL EverLink
BGP46125 SCHNEIDER-BGP46125 Datasheet
118Kb / 2P
   PowerPact B Circuit Breaker, 125A, 4P, 600Y/347V AC, 18kA at 600Y UL EverLink
BJM26125 SCHNEIDER-BJM26125 Datasheet
100Kb / 2P
   PowerPact B Circuit Breaker, 125A, 2P, 600Y/347V AC, 25kA at 600Y UL EverLink
BDM26125 SCHNEIDER-BDM26125 Datasheet
100Kb / 2P
   PowerPact B Circuit Breaker, 125A, 2P, 600Y/347V AC, 14kA at 600Y UL EverLink
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com