データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EP2AGX45DF25I5 データシート(PDF) 55 Page - Altera Corporation

部品番号 EP2AGX45DF25I5
部品情報  Arria II Device Handbook
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALTERA [Altera Corporation]
ホームページ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX45DF25I5 データシート(HTML) 55 Page - Altera Corporation

Back Button EP2AGX45DF25I5 Datasheet HTML 51Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 52Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 53Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 54Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 55Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 56Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 57Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 58Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 59Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 90 page
background image
Chapter 1: Device Datasheet for Arria II Devices
1–47
Switching Characteristics
December 2013
Altera Corporation
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
Jitter tolerance at 2488.32 Mbps
Jitter frequency = 0.06 KHz
Pattern = PRBS15
> 15
> 15
UI
Jitter frequency = 100 KHZ
Pattern = PRBS15
> 1.5
> 1.5
UI
Jitter frequency =
1MHz
Pattern = PRBS15
> 0.15
> 0.15
UI
Jitter frequency = 10 MHz
Pattern = PRBS15
> 0.15
> 0.15
UI
Fibre Channel Transmit Jitter Generation (4), (5)
Total jitter FC-1
Pattern = CRPAT
0.23
0.23
UI
Deterministic jitter FC-1
Pattern = CRPAT
0.11
0.11
UI
Total jitter FC-2
Pattern = CRPAT
0.33
0.33
UI
Deterministic jitter FC-2
Pattern = CRPAT
0.2
0.2
UI
Total jitter FC-4
Pattern = CRPAT
0.52
0.52
UI
Deterministic jitter FC-4
Pattern = CRPAT
0.33
0.33
UI
Fibre Channel Receiver Jitter Tolerance (4), (6)
Deterministic jitter FC-1
Pattern = CJTPAT
> 0.37
> 0.37
UI
Random jitter
FC-1
Pattern = CJTPAT
> 0.31
> 0.31
UI
Sinusoidal jitter FC-1
Fc/25000
> 1.5
> 1.5
UI
Fc/1667
> 0.1
> 0.1
UI
Deterministic jitter FC-2
Pattern = CJTPAT
> 0.33
> 0.33
UI
Random jitter
FC-2
Pattern = CJTPAT
> 0.29
> 0.29
UI
Sinusoidal jitter FC-2
Fc/25000
> 1.5
> 1.5
UI
Fc/1667
> 0.1
> 0.1
UI
Deterministic jitter FC-4
Pattern = CJTPAT
> 0.33
> 0.33
UI
Random jitter FC-4
Pattern = CJTPAT
> 0.29
> 0.29
UI
Sinusoidal jitter FC-4
Fc/25000
> 1.5
> 1.5
UI
Fc/1667
> 0.1
> 0.1
UI
XAUI Transmit Jitter Generation (7)
Total jitter at 3.125 Gbps
Pattern = CJPAT
0.3
0.3
UI
Deterministic jitter at
3.125 Gbps
Pattern = CJPAT
0.17
0.17
UI
XAUI Receiver Jitter Tolerance (7)
Total jitter
> 0.65
> 0.65
UI
Deterministic jitter
> 0.37
> 0.37
UI
Table 1–41. Transceiver Block Jitter Specifications for Arria II GZ Devices (Note 1), (2) (Part 2 of 7)
Symbol/
Description
Conditions
–C3 and –I3
–C4 and –I4
Unit
Min
Typ
Max
Min
Typ
Max


同様の部品番号 - EP2AGX45DF25I5

メーカー部品番号データシート部品情報
logo
Altera Corporation
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
More results

同様の説明 - EP2AGX45DF25I5

メーカー部品番号データシート部品情報
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com