データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EP2AGX45DF25I5 データシート(PDF) 19 Page - Altera Corporation

部品番号 EP2AGX45DF25I5
部品情報  Arria II Device Handbook
Download  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALTERA [Altera Corporation]
ホームページ  http://www.altera.com
Logo ALTERA - Altera Corporation

EP2AGX45DF25I5 データシート(HTML) 19 Page - Altera Corporation

Back Button EP2AGX45DF25I5 Datasheet HTML 15Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 16Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 17Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 18Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 19Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 20Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 21Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 22Page - Altera Corporation EP2AGX45DF25I5 Datasheet HTML 23Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 90 page
background image
Chapter 1: Device Datasheet for Arria II Devices
1–11
Electrical Characteristics
December 2013
Altera Corporation
Arria II Device Handbook Volume 3: Device Datasheet and Addendum
The calibration accuracy for calibrated series and parallel OCTs are applicable at the
moment of calibration. When process, voltage, and temperature (PVT) conditions
change after calibration, the tolerance may change.
Table 1–13 lists the Arria II GZ OCT without calibration resistance tolerance to PVT
changes.
OCT calibration is automatically performed at power up for OCT-enabled I/Os.
When voltage and temperature conditions change after calibration, the resistance may
change. Use Equation 1–1 and Table 1–14 to determine the OCT variation when
voltage and temperature vary after power-up calibration for Arria II GX and GZ
devices.
Table 1–13. OCT Without Calibration Resistance Tolerance Specifications for Arria II GZ Devices
Symbol
Description
Conditions (V)
Resistance Tolerance
Unit
C3,I3
C4,I4
25-
 R
S
3.0 and 2.5
25-
internal series
OCT without
calibration
VCCIO = 3.0, 2.5
± 40
± 40
%
25-
 R
S
1.8 and 1.5
25-
 internal series
OCT without
calibration
VCCIO = 1.8, 1.5
± 40
± 40
%
25-
 R
S
1.2
25-
internal series
OCT without
calibration
VCCIO = 1.2
± 50
± 50
%
50-
 R
S
3.0 and 2.5
50-
 internal series
OCT without
calibration
VCCIO = 3.0, 2.5
± 40
± 40
%
50-
 R
S
1.8 and 1.5
50-
internal series
OCT without
calibration
VCCIO = 1.8, 1.5
± 40
± 40
%
50-
 R
S
1.2
50-
internal series
OCT without
calibration
VCCIO = 1.2
± 50
± 50
%
100-
 R
D
2.5
100-
internal
differential OCT
VCCIO = 2.5
± 25
± 25
%
Equation 1–1. OCT Variation (Note 1)
Notes to Equation 1–1:
(1) ROCT value calculated from Equation 1–1shows the range of OCT resistance with the variation of temperature and
VCCIO.
ROCT
RSCAL 1
dR
dT
-------
T

dR
dV
-------
V

+


=


同様の部品番号 - EP2AGX45DF25I5

メーカー部品番号データシート部品情報
logo
Altera Corporation
EP2AGX45DF25I3N ALTERA-EP2AGX45DF25I3N Datasheet
801Kb / 78P
   1. Device Datasheet for Arria II Devices
More results

同様の説明 - EP2AGX45DF25I5

メーカー部品番号データシート部品情報
logo
Altera Corporation
EP2AGX95EF29I5N ALTERA-EP2AGX95EF29I5N Datasheet
1Mb / 90P
   Arria II Device Handbook
5AGXFB3H4F40C5N ALTERA-5AGXFB3H4F40C5N Datasheet
1Mb / 82P
   Arria V Device Handbook
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
EP2AGX260EF29C5N ALTERA-EP2AGX260EF29C5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX125EF29I5N ALTERA-EP2AGX125EF29I5N Datasheet
801Kb / 78P
   Device Datasheet for Arria II Devices
EP2AGX260FF35I3N ALTERA-EP2AGX260FF35I3N Datasheet
801Kb / 28P
   Device Datasheet for Arria II Devices
EP2AGX260EF29I3N ALTERA-EP2AGX260EF29I3N Datasheet
820Kb / 78P
   Device Datasheet for Arria II Devices
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
   Cyclone II Device Handbook, Volume 1
EP2S180F1020C4 ALTERA-EP2S180F1020C4 Datasheet
5Mb / 768P
   Stratix II Device Handbook, Volume 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com