データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3KP58C データシート(PDF) 2 Page - Formosa MS

部品番号 3KP58C
部品情報  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FORMOSA [Formosa MS]
ホームページ  http://www.formosams.com
Logo FORMOSA - Formosa MS

3KP58C データシート(HTML) 2 Page - Formosa MS

  3KP58C Datasheet HTML 1Page - Formosa MS 3KP58C Datasheet HTML 2Page - Formosa MS 3KP58C Datasheet HTML 3Page - Formosa MS 3KP58C Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
DATE : DEC.05.2002
r
e
b
m
u
N
t
r
a
P
V RWM
V BR
I
@
T
IR @VRWM
VC @IPP
E
G
A
K
C
A
P
.
n
i
M
.
x
a
M
I T
-
I
N
U
-
I
B
V
V
V
A
m
A
u
A
u
V
A
r
o
s
s
e
r
p
p
u
S
e
g
a
t
l
o
V
t
n
e
i
s
n
a
r
T
W
0
0
0
3
)
C
(
0
.
5
P
K
3
0
.
5
0
4
.
6
5
5
.
7
0
1
0
0
0
1
0
0
0
2
6
.
9
5
.
2
1
3
0
0
6
-
P
A
)
C
(
0
.
5
P
K
3
0
.
5
0
4
.
6
5
2
.
7
0
1
0
0
0
1
0
0
0
2
2
.
9
0
.
6
2
3
0
0
6
-
P
)
C
(
0
.
6
P
K
3
0
.
6
7
6
.
6
5
4
.
8
0
1
0
0
0
1
0
0
0
2
4
.
1
1
2
.
3
6
2
0
0
6
-
P
A
)
C
(
0
.
6
P
K
3
0
.
6
7
6
.
6
7
6
.
7
0
1
0
0
0
1
0
0
0
2
3
.
0
1
3
.
1
9
2
0
0
6
-
P
)
C
(
5
.
6
P
K
3
5
.
6
2
2
.
7
4
1
.
9
0
1
0
0
5
0
0
0
1
3
.
2
1
9
.
3
4
2
0
0
6
-
P
A
)
C
(
5
.
6
P
K
3
5
.
6
2
2
.
7
0
3
.
8
0
1
0
0
5
0
0
0
1
2
.
1
1
9
.
7
6
2
0
0
6
-
P
)
C
(
0
.
7
P
K
3
0
.
7
8
7
.
7
6
8
.
9
0
1
0
0
2
0
0
4
3
.
3
1
6
.
5
2
2
0
0
6
-
P
A
)
C
(
0
.
7
P
K
3
0
.
7
8
7
.
7
5
9
.
8
0
1
0
0
2
0
0
4
0
.
2
1
0
.
0
5
2
0
0
6
-
P
)
C
(
5
.
7
P
K
3
5
.
7
3
3
.
8
7
6
.
0
1
0
.
1
0
0
1
0
0
2
3
.
4
1
8
.
9
0
2
0
0
6
-
P
A
)
C
(
5
.
7
P
K
3
5
.
7
3
3
.
8
8
5
.
9
0
.
1
0
0
1
0
0
2
9
.
2
1
6
.
2
3
2
0
0
6
-
P
)
C
(
0
.
8
P
K
3
0
.
8
9
8
.
8
0
3
.
1
1
0
.
1
0
5
0
0
1
0
.
5
1
0
.
0
2
2
0
0
6
-
P
A
)
C
(
0
.
8
P
K
3
0
.
8
9
8
.
8
3
2
.
0
1
0
.
1
0
5
0
0
1
6
.
3
1
6
.
0
2
2
0
0
6
-
P
)
C
(
5
.
8
P
K
3
5
.
8
4
4
.
9
2
9
.
1
1
0
.
1
5
2
0
5
9
.
5
1
8
.
8
8
1
0
0
6
-
P
A
)
C
(
5
.
8
P
K
3
5
.
8
4
4
.
9
2
8
.
0
1
0
.
1
5
2
0
5
4
.
4
1
4
.
8
0
2
0
0
6
-
P
)
C
(
0
.
9
P
K
3
0
.
9
0
.
0
1
6
.
2
1
0
.
1
0
1
0
2
9
.
6
1
4
.
7
7
1
0
0
6
-
P
A
)
C
(
0
.
9
P
K
3
0
.
9
0
.
0
1
5
.
1
1
0
.
1
0
1
0
2
4
.
5
1
8
.
4
9
1
0
0
6
-
P
)
C
(
0
1
P
K
3
0
1
1
.
1
1
1
.
4
1
0
.
1
5
5
8
.
8
1
6
.
9
5
1
0
0
6
-
P
A
)
C
(
0
1
P
K
3
0
1
1
.
1
1
8
.
2
1
0
.
1
5
5
0
.
7
1
4
.
6
7
1
0
0
6
-
P
)
C
(
1
1
P
K
3
1
1
2
.
2
1
4
.
5
1
0
.
1
5
5
1
.
0
2
2
.
9
4
1
0
0
6
-
P
A
)
C
(
1
1
P
K
3
1
1
2
.
2
1
0
.
4
1
0
.
1
5
5
2
.
8
1
8
.
4
8
1
0
0
6
-
P
)
C
(
2
1
P
K
3
2
1
3
.
3
1
9
.
6
1
0
.
1
5
5
0
.
2
2
4
.
6
3
1
0
0
6
-
P
A
)
C
(
2
1
P
K
3
2
1
3
.
3
1
3
.
5
1
0
.
1
5
5
9
.
9
1
6
.
0
5
1
0
0
6
-
P
)
C
(
3
1
P
K
3
3
1
4
.
4
1
2
.
8
1
0
.
1
5
5
8
.
3
2
0
.
6
2
1
0
0
6
-
P
A
)
C
(
3
1
P
K
3
3
1
4
.
4
1
5
.
6
1
0
.
1
5
5
5
.
1
2
4
.
9
3
1
0
0
6
-
P
)
C
(
4
1
P
K
3
4
1
6
.
5
1
8
.
9
1
0
.
1
5
5
8
.
5
2
2
.
6
1
1
0
0
6
-
P
A
)
C
(
4
1
P
K
3
4
1
6
.
5
1
9
.
7
1
0
.
1
5
5
2
.
3
2
4
.
9
2
1
0
0
6
-
P
)
C
(
5
1
P
K
3
5
1
7
.
6
1
1
.
1
2
0
.
1
5
5
9
.
6
2
6
.
1
1
1
0
0
6
-
P
A
)
C
(
5
1
P
K
3
5
1
7
.
6
1
2
.
9
1
0
.
1
5
5
4
.
4
2
0
.
3
2
1
0
0
6
-
P
)
C
(
6
1
P
K
3
6
1
8
.
7
1
6
.
2
2
0
.
1
5
5
8
.
8
2
2
.
4
0
1
0
0
6
-
P
A
)
C
(
6
1
P
K
3
6
1
8
.
7
1
5
.
0
2
0
.
1
5
5
0
.
6
2
4
.
5
1
1
0
0
6
-
P
)
C
(
7
1
J
P
K
3
7
1
9
.
8
1
9
.
3
2
0
.
1
5
5
5
.
0
3
4
.
8
9
0
0
6
-
P
A
)
C
(
7
1
P
K
3
7
1
9
.
8
1
7
.
1
2
0
.
1
5
5
6
.
7
2
6
.
6
0
1
0
0
6
-
P
)
C
(
8
1
P
K
3
8
1
0
.
0
2
3
.
5
2
0
.
1
5
5
2
.
2
3
2
.
3
9
0
0
6
-
P
A
)
C
(
8
1
P
K
3
8
1
0
.
0
2
3
.
3
2
0
.
1
5
5
2
.
9
2
8
.
2
0
1
0
0
6
-
P
)
C
(
0
2
P
K
3
0
2
2
.
2
2
1
.
8
2
0
.
1
5
5
8
.
5
3
8
.
3
8
0
0
6
-
P
A
)
C
(
0
2
P
K
3
0
2
2
.
2
2
5
.
5
2
0
.
1
5
5
4
.
2
3
6
.
2
9
0
0
6
-
P
)
C
(
2
2
P
K
3
2
2
4
.
4
2
9
.
0
3
0
.
1
5
5
4
.
9
3
2
.
6
7
0
0
6
-
P
A
)
C
(
2
2
P
K
3
2
2
4
.
4
2
0
.
8
2
0
.
1
5
5
5
.
5
3
4
.
4
8
0
0
6
-
P
)
C
(
4
2
P
K
3
4
2
7
.
6
2
8
.
3
3
0
.
1
5
5
0
.
3
4
8
.
9
6
0
0
6
-
P
A
)
C
(
4
2
P
K
3
4
2
7
.
6
2
7
.
0
3
0
.
1
5
5
9
.
8
3
2
.
7
7
0
0
6
-
P
)
C
(
6
2
P
K
3
6
2
9
.
8
2
6
.
6
3
0
.
1
5
5
6
.
6
4
4
.
4
6
0
0
6
-
P
A
)
C
(
6
2
P
K
3
6
2
9
.
8
2
2
.
3
3
0
.
1
5
5
1
.
2
4
2
.
1
7
0
0
6
-
P
)
C
(
8
2
P
K
3
8
2
1
.
1
3
4
.
9
3
0
.
1
5
5
0
.
0
5
0
.
0
6
0
0
6
-
P
A
)
C
(
8
2
P
K
3
8
2
1
.
1
3
8
.
5
3
0
.
1
5
5
4
.
5
4
0
.
6
6
0
0
6
-
P
)
C
(
0
3
P
K
3
0
3
3
.
3
3
2
.
2
4
0
.
1
5
5
5
.
3
5
0
.
6
5
0
0
6
-
P
A
)
C
(
0
3
P
K
3
0
3
3
.
3
3
3
.
8
3
0
.
1
5
5
4
.
8
4
0
.
2
6
0
0
6
-
P
)
C
(
3
3
P
K
3
3
3
7
.
6
3
5
.
6
4
0
.
1
5
5
0
.
9
5
4
.
0
5
0
0
6
-
P
A
)
C
(
3
3
P
K
3
3
3
7
.
6
3
2
.
2
4
0
.
1
5
5
3
.
3
5
2
.
6
5
0
0
6
-
P
)
C
(
6
3
P
K
3
6
3
0
.
0
4
7
.
0
5
0
.
1
5
5
3
.
4
6
6
.
6
4
0
0
6
-
P
A
)
C
(
6
3
P
K
3
6
3
0
.
0
4
0
.
6
4
0
.
1
5
5
1
.
8
5
6
.
1
5
0
0
6
-
P
)
C
(
0
4
P
K
3
0
4
4
.
4
4
3
.
6
5
0
.
1
5
5
4
.
1
7
0
.
2
4
0
0
6
-
P
A
)
C
(
0
4
P
K
3
0
4
4
.
4
4
1
.
1
5
0
.
1
5
5
5
.
4
6
4
.
6
4
0
0
6
-
P


同様の部品番号 - 3KP58C

メーカー部品番号データシート部品情報
logo
Pan Jit International I...
3KP58C PANJIT-3KP58C Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP58C SURGE-3KP58C Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP58C WTE-3KP58C Datasheet
68Kb / 5P
   3000W TRANSIENT VOLTAGE SUPPRESSORS
3KP58C WTE-3KP58C Datasheet
82Kb / 6P
   3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
3KP58C CHENG-YI-3KP58C Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results

同様の説明 - 3KP58C

メーカー部品番号データシート部品情報
logo
StarHope
TVS-3KP SPSEMI-TVS-3KP Datasheet
322Kb / 6P
   Glass Passivated Junction Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 220 Volts 3000 Watt Peak Pulse Power
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
DB Lectro Inc
3KP DBLECTRO-3KP Datasheet
149Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 TO 180 Volts 3000 watt Peak Pulse Power
logo
Pan Jit International I...
15KP PANJIT-15KP Datasheet
63Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power)
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
StarHope
3KP SPSEMI-3KP Datasheet
429Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
logo
List of Unclassifed Man...
1N6373 ETC-1N6373 Datasheet
139Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
logo
MDE Semiconductor, Inc.
ICTE5.0 MDE-ICTE5.0 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STANDOFF VOLTAGE- 5.0 to 45.0V 1500 Watt Peak Power
logo
DB Lectro Inc
5KP DBLECTRO-5KP Datasheet
146Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 180 Volts 5000Watts Peak Pulse Power
logo
Leshan Radio Company
SA5.0 LRC-SA5.0 Datasheet
189Kb / 9P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com