データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC74VHCT540AM データシート(PDF) 5 Page - ON Semiconductor

部品番号 MC74VHCT540AM
部品情報  Octal Bus Buffer Inverting
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT540AM データシート(HTML) 5 Page - ON Semiconductor

  MC74VHCT540AM Datasheet HTML 1Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 2Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 3Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 4Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 5Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 6Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 7Page - ON Semiconductor MC74VHCT540AM Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC74VHCT540A
VHC Data – Advanced CMOS Logic
DL203 — Rev 2
5
MOTOROLA
OUTLINE DIMENSIONS
DW SUFFIX
PLASTIC SOIC WIDE PACKAGE
CASE 751D–05
ISSUE F
20
1
11
10
B
20X
C
18X
A1
A
SEATING
PLANE
q
E
D
M
0.25
S
A
S
B
T
e
T
B
A
DIM
MIN
MAX
MILLIMETERS
A
2.35
2.65
A1
0.10
0.25
B
0.35
0.49
C
0.23
0.32
D
12.65
12.95
E
7.40
7.60
e
1.27 BSC
H
10.05
10.55
h
0.25
0.75
L
0.50
0.90
q
0
7
NOTES:
1. DIMENSIONS ARE IN MILLIMETERS.
2. INTERPRET DIMENSIONS AND TOLERANCES
PER ASME Y14.5M, 1994.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 PER SIDE.
5. DIMENSION B DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION SHALL
BE 0.13 TOTAL IN EXCESS OF B DIMENSION AT
MAXIMUM MATERIAL CONDITION.
__


同様の部品番号 - MC74VHCT540AM

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74VHCT540AM ONSEMI-MC74VHCT540AM Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
More results

同様の説明 - MC74VHCT540AM

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MC74LVX540 ONSEMI-MC74LVX540 Datasheet
104Kb / 8P
   Octal Bus Buffer Inverting
March, 2005 ??Rev. 3
MC74VHC540 ONSEMI-MC74VHC540 Datasheet
206Kb / 8P
   Octal Bus Buffer Inverting
March, 2006 -- Rev. 3
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP Datasheet
232Kb / 6P
   OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
ON Semiconductor
MC74LVX240 ONSEMI-MC74LVX240 Datasheet
95Kb / 8P
   Octal Bus Buffer Inverting With 5V?뭈olerant Inputs
March, 2005 ??Rev. 2
logo
Fairchild Semiconductor
DM74ALS640A FAIRCHILD-DM74ALS640A Datasheet
48Kb / 4P
   Inverting Octal Bus Transceiver
logo
Toshiba Semiconductor
TC74VHCT240AF TOSHIBA-TC74VHCT240AF_07 Datasheet
221Kb / 9P
   Octal Bus Buffer
logo
ON Semiconductor
MC74VHC244 ONSEMI-MC74VHC244_11 Datasheet
145Kb / 8P
   Octal Bus Buffer
May, 2011 ??Rev. 8
MC74VHC244 ONSEMI-MC74VHC244 Datasheet
217Kb / 8P
   Octal Bus Buffer
March, 2006 -- Rev. 7
MC74VHCT540A ONSEMI-MC74VHCT540A_06 Datasheet
164Kb / 7P
   Octal Bus Buffer
March, 2006 ??Rev. 4
MC74VHCT541A ONSEMI-MC74VHCT541A_06 Datasheet
104Kb / 6P
   Octal Bus Buffer
January, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com