データシートサーチシステム |
|
TLP116 データシート(PDF) 4 Page - Toshiba Semiconductor |
|
TLP116 データシート(HTML) 4 Page - Toshiba Semiconductor |
4 / 5 page TLP116 4 2003-10-21 Switching Characteristics (Unless otherwise specified, Ta=-40 to 100 °C,VCC=4.5~5.5V) CHARACTERISTIC SYMBOL TEST CIR- CUIT CONDITION MIN. TYP. MAX. UNIT propagation Delay Time to Logic High output tpHL IF=0→12mA — — 60 ns propagation Delay Time to Logic Low output tpLH 1 IF=12→0mA RIN=100Ω CL=15pF (Note 4) — — 60 ns propagation Delay Time to Logic High output tpHL VIN=0→5V (IF=0→8mA) — — 60 ns propagation Delay Time to Logic Low output tpLH 2 VIN=5→0V (IF=8→0mA) RIN=470Ω CIN=27pF CL=15pF (Note 4) — — 60 ns Switching Time Dispersion between ON and OFF |tpHL- tpLH| IF=12mA , RIN=100Ω, CL=15pF (Note 4) — — 30 ns Output Fall Time(90-10%) tf IF=0→12mA — — ns Output Rise Time(10-90%) tr 1 IF=12→0mA RIN=100Ω CL=15pF (Note 4) — — ns Common Mode transient Immunity at High Level Output CMH VCM=1000Vp-p,IF=0mA, Vo(Min)=4V,Ta=25 °C 10000 — — V/us Common Mode transient Immunity at Low Level Output CML VCM=1000Vp-p,IF=12mA, Vo(Max)=0.4V,Ta=25 °C -10000 — — V/us *All typical values are at Ta=25 °C Note 4 : CL is approximately 15pF which includes probe and Jig/stray wiring capacitance. TEST CIRCUIT 1 : tpHL , tpLH TEST CIRCUIT 2 : tpHL , tpLH IF=12mA(P.G) (f=5MHz , duty=50%) 0.1uF VCC RIN=100Ω INPUT MONITORING NODE CL=15pF CL=15pF Vo MONITORING NODE VCC GND SHIELD tpHL tpLH IF 1.5V V O 50% VOL VOH VIN=5V(P.G) (f=5MHz , duty=50%) 0.1uF VCC RIN=470Ω CIN=27pF CL=15pF The PROBE and JIG capacitances are included in CL. Vo MONITORING NODE CL=15pF INPUT MONITORING NODE (P.G) : Pulse Generatior VCC GND SHIELD tpHL tpLH V IN 1.5V V O 50% VOL VOH |
同様の部品番号 - TLP116 |
|
同様の説明 - TLP116 |