データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADD8506 データシート(PDF) 5 Page - Analog Devices

部品番号 ADD8506
部品情報  6-Channel, Muxed Input Line Inversion LCD Gamma Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADD8506 データシート(HTML) 5 Page - Analog Devices

  ADD8506 Datasheet HTML 1Page - Analog Devices ADD8506 Datasheet HTML 2Page - Analog Devices ADD8506 Datasheet HTML 3Page - Analog Devices ADD8506 Datasheet HTML 4Page - Analog Devices ADD8506 Datasheet HTML 5Page - Analog Devices ADD8506 Datasheet HTML 6Page - Analog Devices ADD8506 Datasheet HTML 7Page - Analog Devices ADD8506 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ADD8506
Rev. 0 | Page 5 of 8
TYPICAL PERFORMANCE CHARACTERISTICS
5.5
5.0
0
0
SUPPLY VOLTAGE (V)
7
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
12
34
56
VCM = 2.5V
TA = 25°C
CH1 2.00V
CH2 2.00V
M400ns
VCC = 5V
TA = 25°C
5V
0V
INPUT
OUTPUT
5V
0V
Figure 2. Supply Current vs. Supply Voltage
Figure 5. Transient Response—Rising
1000
1
0
LOAD CURRENT (mA)
100
100
10
110
VCC = 5V
TA = 25°C
OUTPUT HIGH
OUTPUT LOW
CH1 2.00V
CH2 2.00V
M400ns
VCC = 5V
TA = 25°C
5V
0V
INPUT
OUTPUT
5V
0V
Figure 3. Δ Output Voltage to Supply Rail vs. Load Current
Figure 6. Transient Response—Falling
6
–8
–40
TEMPERATURE (
°C)
4
2
0
–2
–4
–6
0
25
40809095
100
105
CH6
CH5
CH2
CH3
CH1
CH4
VCC = 5V
VCM = 2.5V
Figure 4. Offset Voltage vs. Temperature


同様の部品番号 - ADD8506

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8506 AD-ADD8506 Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
ADD8506-EVAL AD-ADD8506-EVAL Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8506WRU-REEL7 AD-ADD8506WRU-REEL7 Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8506WRUZ AD-ADD8506WRUZ Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
ADD8506WRUZ AD-ADD8506WRUZ Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
More results

同様の説明 - ADD8506

メーカー部品番号データシート部品情報
logo
Analog Devices
ADD8504 AD-ADD8504_10 Datasheet
263Kb / 12P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
ADD8504 AD-ADD8504 Datasheet
246Kb / 8P
   4-, 5-, 6-Channel, Muxed Input Line Inversion LCD Gamma Buffers
REV. B
logo
Texas Instruments
BUF07703 TI1-BUF07703_16 Datasheet
1Mb / 32P
[Old version datasheet]   Multi-Channel LCD Gamma Correction Buffer
logo
Burr-Brown (TI)
BUF11702 BURR-BROWN-BUF11702 Datasheet
517Kb / 24P
   MULTI CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11702 TI1-BUF11702_16 Datasheet
673Kb / 28P
[Old version datasheet]   MULTI-CHANNEL LCD GAMMA CORRECTION BUFFER
logo
Analog Devices
AD8509 AD-AD8509_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8511 AD-AD8511_15 Datasheet
207Kb / 12P
   9- and 11-Channel, Muxed Input LCD Reference Buffers
REV. C
AD8509 AD-AD8509 Datasheet
183Kb / 8P
   9- and 11-Channel, Muxed Input LCD Reference Drivers
REV. B
ADD8709 AD-ADD8709 Datasheet
488Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
ADD8708 AD-ADD8708_15 Datasheet
612Kb / 16P
   18-Channel Gamma Buffer with Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com