データシートサーチシステム |
|
1N4003SG データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
1N4003SG データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 2 page - 532 - 1N4001SG THRU 1N4007SG 1.0 AMP. Glass Passivated Rectifiers Voltage Range 50 to 1000 Volts Current 1.0 Ampere Features Low forward voltage drop High current capability High reliability High surge current capability ψ0.6mm leads Mechanical Data Cases: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: Axial leads, solderable per MIL-STD- 202, Method 208 guaranteed Polarity: Color band denotes cathode end High temperature soldering guaranteed: 260 ℃/10 seconds/.375”,(9.5mm) lead lengths at 5 lbs.,(2.3kg) tension Weight: 0.22 gram A-405 Dimensions in inches and (millimeters) Maximum Ratings and Electrical Characteristics Rating at 25 ℃ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% Type Number Symbol 1N 4001SG 1N 4002SG 1N 4003SG 1N 4004SG 1N 4005SG 1N 4006SG 1N 4007SG Units Maximum Recurrent Peak Reverse Voltage VRRM 50 100 200 400 600 800 1000 V Maximum RMS Voltage VRMS 35 70 140 280 420 560 700 V Maximum DC Blocking Voltage VDC 50 100 200 400 600 800 1000 V Maximum Average Forward Rectified Current .375” (9.5mm) Lead Length @TA = 50 ℃ I(AV) 1.0 A Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) IFSM 30 A Maximum Instantaneous Forward Voltage @1.0A VF 1.0 V Maximum DC Reverse Current @ TA=25 ℃ at Rated DC Blocking Voltage @ TA=125 ℃ IR 5.0 100 uA uA Typical Thermal Resistance (Note 2) R θJA 80 OC/W Typical Junction Capacitance ( Note 1 ) Cj 10 pF Operating and Storage Temperature Range TJ,TSTG - 65 to + 150 ℃ Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C. 2. Mount on Cu-Pad Size 5mm x 5mm on P.C.B. |
同様の部品番号 - 1N4003SG |
|
同様の説明 - 1N4003SG |