データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC75347E データシート(PDF) 6 Page - Sanyo Semicon Device

部品番号 LC75347E
部品情報  Six-Channel Single-Chip Electronic Volume Control System
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SANYO [Sanyo Semicon Device]
ホームページ  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75347E データシート(HTML) 6 Page - Sanyo Semicon Device

Back Button LC75347E Datasheet HTML 2Page - Sanyo Semicon Device LC75347E Datasheet HTML 3Page - Sanyo Semicon Device LC75347E Datasheet HTML 4Page - Sanyo Semicon Device LC75347E Datasheet HTML 5Page - Sanyo Semicon Device LC75347E Datasheet HTML 6Page - Sanyo Semicon Device LC75347E Datasheet HTML 7Page - Sanyo Semicon Device LC75347E Datasheet HTML 8Page - Sanyo Semicon Device LC75347E Datasheet HTML 9Page - Sanyo Semicon Device LC75347E Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
• Control Code Allocations
Volume Control
No. 7378 -6/17
LC75347E
D0
D1
D2
D3
D4
D5
D6
D7
SBW setting
D8
D9
D10
D11
D12
D13
D14
D15
RR setting
D16
D17
D18
D19
D20
D21
D22
D23
RL setting
D24
D25
D26
D27
D28
D29
D30
D31
C setting
D32
D33
D34
D35
D36
D37
D38
D39
FRIN setting
D40
D41
D42
D43
D44
D45
D46
D47
FLIN setting
0
0
0
0
0
0
0
0
0 dB
1
0
0
0
0
0
0
0
–1 dB
0
1
0
0
0
0
0
0
–2 dB
1
1
0
0
0
0
0
0
–3 dB
0
0
1
0
0
0
0
0
–4 dB
1
0
1
0
0
0
0
0
–5 dB
0
1
1
0
0
0
0
0
–6 dB
1
1
1
0
0
0
0
0
–7 dB
0
0
0
1
0
0
0
0
–8 dB
1
0
0
1
0
0
0
0
–9 dB
0
1
0
1
0
0
0
0
–10 dB
1
1
0
1
0
0
0
0
–11 dB
0
0
1
1
0
0
0
0
–12 dB
1
0
1
1
0
0
0
0
–13 dB
0
1
1
1
0
0
0
0
–14 dB
1
1
1
1
0
0
0
0
–15 dB
0
0
0
0
1
0
0
0
–16 dB
1
0
0
0
1
0
0
0
–17 dB
0
1
0
0
1
0
0
0
–18 dB
1
1
0
0
1
0
0
0
–19 dB
0
0
1
0
1
0
0
0
–20 dB
1
0
1
0
1
0
0
0
–21 dB
0
1
1
0
1
0
0
0
–22 dB
1
1
1
0
1
0
0
0
–23 dB
0
0
0
1
1
0
0
0
–24 dB
1
0
0
1
1
0
0
0
–25 dB
0
1
0
1
1
0
0
0
–26 dB
1
1
0
1
1
0
0
0
–27 dB
0
0
1
1
1
0
0
0
–28 dB
1
0
1
1
1
0
0
0
–29 dB
0
1
1
1
1
0
0
0
–30 dB
1
1
1
1
1
0
0
0
–31 dB
0
0
0
0
0
1
0
0
–32 dB
1
0
0
0
0
1
0
0
–33 dB
0
1
0
0
0
1
0
0
–34 dB
1
1
0
0
0
1
0
0
–35 dB
0
0
1
0
0
1
0
0
–36 dB
1
0
1
0
0
1
0
0
–37 dB
0
1
1
0
0
1
0
0
–38 dB
1
1
1
0
0
1
0
0
–39 dB
0
0
0
1
0
1
0
0
–40 dB
1
0
0
1
0
1
0
0
–41 dB
0
1
0
1
0
1
0
0
–42 dB
1
1
0
1
0
1
0
0
–43 dB
0
0
1
1
0
1
0
0
–44 dB
1
0
1
1
0
1
0
0
–45 dB
0
1
1
1
0
1
0
0
–46 dB
Continued on next page.


同様の部品番号 - LC75347E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75341 SANYO-LC75341 Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75341M SANYO-LC75341M Datasheet
295Kb / 20P
   Single-Chip Volume and Tone Control System
LC75342 SANYO-LC75342 Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75342M SANYO-LC75342M Datasheet
306Kb / 20P
   Single-Chip Volume and Tone Control System
LC75343 SANYO-LC75343 Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
More results

同様の説明 - LC75347E

メーカー部品番号データシート部品情報
logo
Sanyo Semicon Device
LC75394NE SANYO-LC75394NE Datasheet
380Kb / 17P
   Single-Chip Electronic Volume Control System
LC75395E SANYO-LC75395E Datasheet
457Kb / 17P
   Single-Chip Electronic Volume Control System
LC75396NE SANYO-LC75396NE Datasheet
471Kb / 19P
   Single-Chip Electronic Volume Control System
LC75392 SANYO-LC75392 Datasheet
271Kb / 12P
   Single-Chip Electronic Volume Control System
LC75391 SANYO-LC75391 Datasheet
322Kb / 13P
   Single-Chip Electronic Volume Control System
LC75397E SANYO-LC75397E Datasheet
561Kb / 26P
   Single Chip Electronic Volume and Tone Control System
LC75348 SANYO-LC75348 Datasheet
215Kb / 21P
   Single-Chip Electronic Volume and Tone Control System
LC75343M SANYO-LC75343M Datasheet
413Kb / 28P
   Electronic Volume Control System on-Chip
LC75345M SANYO-LC75345M Datasheet
1Mb / 22P
   Electronic Volume Control System on-Chip
logo
ON Semiconductor
LC75344MD ONSEMI-LC75344MD Datasheet
154Kb / 13P
   Two-Channel Electronic Volume Control System
May, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com