データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS79L15 データシート(PDF) 8 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS79L15
部品情報  3-Terminal Low Current Negative Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79L15 データシート(HTML) 8 Page - Taiwan Semiconductor Company, Ltd

  TS79L15 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79L15 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79L15 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79L15 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79L15 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79L15 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79L15 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS79L15 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TS79L00 series
8-8
2003/12 rev. D
SOP-8 Mechanical Drawing
C
P
B
D
K
G
1
8
A
16
9
R
M
F
SOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 (typ)
0.05 (typ)
K
0.10
0.25
0.004
0.009
M
0
o
7
o
0
o
7
o
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019


同様の部品番号 - TS79L15

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L05CTA3 TSC-TS79L05CTA3 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L05CTB0 TSC-TS79L05CTB0 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
More results

同様の説明 - TS79L15

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS79M00 TSC-TS79M00 Datasheet
169Kb / 7P
   3-Terminal Medium Current Negative Voltage Regulator
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F Datasheet
81Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15BP MCC-MC78L15BP Datasheet
148Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L05F MCC-MC79L05F_11 Datasheet
206Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08F MCC-MC79L08F_11 Datasheet
203Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12F MCC-MC79L12F_08 Datasheet
186Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com