データシートサーチシステム |
|
TS79L18CT データシート(PDF) 3 Page - Taiwan Semiconductor Company, Ltd |
|
TS79L18CT データシート(HTML) 3 Page - Taiwan Semiconductor Company, Ltd |
3 / 8 page TS79L00 series 3-8 2003/12 rev. D TS79L06 Electrical Characteristics (Vin= -11V, Iout=40mA, 0 oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.) Parameter Test Conditions Min Typ Max Unit Tj=25 oC - 5.76 - 6 - 6.24 Output voltage Vout -8.5V ≤Vin≤ -21V, 5mA ≤Iout≤100mA - 5.70 - 6 - 6.30 V Line Regulation REGline Tj=25 oC -8.5V ≤Vin≤ -21V, Io=40mA -- 50 150 5mA ≤Iout≤100mA -- 20 60 Load Regulation REGload Tj=25 oC 5mA ≤Iout≤40mA -- 10 30 mV Quiescent Current Iq Iout=0, Tj=25 oC -- 3 6 -9V ≤Vin≤ -21V -- -- 1.5 Quiescent Current Change ∆Iq 1mA ≤Iout≤40mA -- -- 0.1 mA Output Noise Voltage Vn 10Hz ≤f≤100KHz, Tj=25 oC -- 40 -- uV Ripple Rejection Ratio RR f=120Hz, -9V ≤Vin≤ -19V 41 49 -- dB Voltage Drop Vdrop Tj=25 oC -- 1.7 -- V Peak Output Current Io peak Tj=25 oC -- 0.15 -- A TS79L08 Electrical Characteristics (Vin= -14V, Iout=40mA, 0 oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.) Parameter Symbol Test Conditions Min Typ Max Unit Tj=25 oC - 7.69 - 8 - 8.32 Output Voltage Vout -10.5V ≤Vin≤ -23V, 5mA ≤Iout≤100mA - 7.61 - 8 - 8.40 V Line Regulation REGline Tj=25 oC -10.5V ≤Vin≤ -23V, Io=40mA -- 80 160 5mA ≤Iout≤100mA -- 25 80 Load Regulation REGload Tj=25 oC 5mA ≤Iout≤40mA -- 10 40 mV Quiescent Current Iq Iout=0, Tj=25 oC -- 3 6 -11V ≤Vin≤ -23V -- -- 1.5 Quiescent Current Change ∆lq 1mA ≤Iout≤40mA -- -- 0.1 mA Output Noise Voltage Vn 10Hz ≤f≤100KHz, Tj=25 oC -- 60 -- uV Ripple Rejection Ratio RR f=120Hz, -13V ≤Vin≤ -23V 37 57 -- dB Voltage Drop Vdrop Tj=25 oC -- 1.7 -- V Peak Output Current Io peak Tj=25 oC -- 0.15 -- A Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and thermal effects must be taken into account separately. This specification applies only for DC power dissipation permitted by absolute maximum ratings. |
同様の部品番号 - TS79L18CT |
|
同様の説明 - TS79L18CT |