データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS79M15CP データシート(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS79M15CP
部品情報  3-Terminal Medium Current Negative Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS79M15CP データシート(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS79M15CP Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS79M15CP Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS79M15CP Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS79M15CP Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS79M15CP Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS79M15CP Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS79M15CP Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS79M00 series
5-7
2003/12 rev. A
TS79M18 Electrical Characteristics
(Vin= -27V, Iout=350mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
- 17.30
- 18
- 18.72
Output Voltage
Vout
-21V
≤Vin≤ -33V,
5mA
≤Iout≤350mA, PD ≤5W
- 17.14
- 18
- 18.90
V
Line Regulation
REGline
Tj=25
oC
-21V
≤Vin≤ -33V,
Io=200mA
--
8
50
mV
5mA
≤Iout≤500mA
--
25
360
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤200mA
--
10
180
Quiescent Current
Iq
Tj=25
oC, Iout=0
--
5
8
-21V
≤Vin≤ -33V
--
--
0.5
Quiescent Current Change
∆Iq
5mA
≤Iout≤350nA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
110
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -21V
≤Vin≤ -31V
54
60
--
dB
Voltage Drop
Vdrop
Iout=350mA, Tj=25
oC
--
2
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC≤Tj≤125 oC
--
-1.0
--
mV/
oC
TS79M24 Electrical Characteristics
(Vin=- 33V, Iout=350mA, 0
oC≤Tj≤125 oC, Cin=0.33uF, Cout=0.1uF; unless otherwise specified.)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Tj=25
oC
- 23.07
- 24
- 24.96
Output Voltage
Vout
-27V
≤Vin≤ -38V,
5mA
≤Iout≤350mA, PD ≤5W
- 22.85
- 24
- 25.20
V
Line Regulation
REGline
Tj=25
oC
-27V
≤Vin≤ -38V,
Io=200mA
--
10
50
mV
5mA
≤Iout≤500mA
--
30
480
Load Regulation
REGload
Tj=25
oC
5mA
≤Iout≤200mA
--
10
240
Quiescent Current
Iq
Iout=0, Tj=25
oC
--
5
9
-27V
≤Vin≤ -38V
--
--
0.5
Quiescent Current Change
∆Iq
5mA
≤Iout≤350mA
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25 oC
--
170
--
uV
Ripple Rejection Ratio
RR
f=120Hz, -27V
≤Vin≤ -37V
50
60
--
dB
Voltage Drop
Vdrop
Iout=350mA, Tj=25
oC
--
2
--
V
Peak Output Current
Io peak
Tj=25
oC
--
0.7
--
A
Temperature Coefficient of
Output Voltage
∆Vout/ ∆Tj
Iout=5mA, 0
oC≤Tj≤125 oC
--
-1.0
--
mV/
oC
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible, and thermal effects must be taken into account separately.
This specification applies only for DC power dissipation permitted by absolute maximum ratings.


同様の部品番号 - TS79M15CP

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS79M12CPRO TSC-TS79M12CPRO Datasheet
289Kb / 7P
   3-Terminal 500mA Negative Voltage Regulator
TS79M18ACPRO TSC-TS79M18ACPRO Datasheet
494Kb / 10P
   3-Terminal 500mA Negative Voltage Regulator
TS79M18ACZC0 TSC-TS79M18ACZC0 Datasheet
494Kb / 10P
   3-Terminal 500mA Negative Voltage Regulator
More results

同様の説明 - TS79M15CP

メーカー部品番号データシート部品情報
logo
ON Semiconductor
LM337M ONSEMI-LM337M Datasheet
158Kb / 8P
   MEDIUM CURRENT THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00 Datasheet
140Kb / 8P
   3-Terminal Low Current Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com