データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

AEVUZ-20-10-P-A データシート(PDF) 1 Page - Festo Corporation.

部品番号. AEVUZ-20-10-P-A
部品情報  Compact air cylinder
ダウンロード  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  FESTO [Festo Corporation.]
ホームページ  https://www.festo.com/us/en/
Logo 

AEVUZ-20-10-P-A Datasheet(HTML) 1 Page - Festo Corporation.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Compact air cylinder
AEVUZ-20-10-P-A
Part number: 157217
Data sheet
Feature
Value
Stroke
10 mm
Piston diameter
20 mm
Type code
AEVUZ
Cushioning
Elastic cushioning rings/pads at both ends
Mounting position
Any
Mode of operation
Single-acting
Pulling
Piston rod end
Internal thread
Design
Piston rod
Piston
Position sensing
For proximity sensor
Symbol
00991204
Variants
Piston rod at one end
Operating pressure
1 bar ... 10 bar
Operating medium
Compressed air as per ISO 8573-1:2010 [7:4:4]
Information on operating and pilot media
Operation with oil lubrication possible (required for further use)
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 80 °C
Impact energy in the end positions
0.14 J
Theoretical force at 6 bar, advancing
123 N
Moving mass at 0 mm stroke
20 g
Additional weight per 10 mm stroke
23 g
Basic weight with 0 mm stroke
149 g
Additional moving mass per 10 mm stroke
6 g
Type of mounting
With accessories
With through-hole
Optionally:
Pneumatic connection
M5
Flange screws material
Steel, galvanized
Cover material
Wrought aluminum alloy
Material of dynamic seals
NBR
TPE-U(PU)
Piston rod material
High-alloy stainless steel
Material of cylinder barrel
Wrought aluminum alloy
7/23/20 - Subject to change - Festo AG & Co. KG
1/1


Html ページ

1 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn