データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTF3035EJ データシート(PDF) 11 Page - Infineon Technologies AG

部品番号 BTF3035EJ
部品情報  Smart Low-Side Power Switch
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTF3035EJ データシート(HTML) 11 Page - Infineon Technologies AG

Back Button BTF3035EJ Datasheet HTML 7Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 8Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 9Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 10Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 11Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 12Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 13Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 14Page - Infineon Technologies AG BTF3035EJ Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Datasheet
11
Rev. 1.0
2018-08-08
BTF3035EJ
Smart Low-Side Power Switch
General Product Characteristics
4.3
Thermal Resistance
Note:
This thermal data was generated in accordance with JEDEC JESD51 standards.
For more information, go to www.jedec.org.
Table 4
TJ = -40°C to +150°CVDD = 3.0 V to 5.5 VVBAT = 6 V to 18 Vall voltages with respect to ground,
positive current flowing into pin (unless otherwise specified)
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Junction to Case
RthJC
–2
-
K/W
1) 2)
1) Not subject to production test, specified by design
2) Specified RthJC value is simulated at natural convection on a cold plate setup (bottom of package is fixed to ambient
temperature).
TC = 85°C. Device is loaded with 1W power.
P_4.3.4
Junction to Ambient (2s2p)
RthJA(2s2p)
–34
K/W
1) 3)
3) Specified RthJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board;
The product (Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with 2 inner copper layers (2 x 70µm Cu,
2 x 35µm Cu). Where applicable a thermal via array under the ex posed pad contacted the first inner copper layer.
Ta = 85°C, Device is loaded with 1W power.
P_4.3.10
Junction to Ambient
(1s0p+600mm2 Cu)
RthJA(1s0p)
–45
K/W
1) 4)
4) Specified RthJA value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 1s0p board;
The product (Chip+Package) was simulated on a 76.2 x 114.3 x 1.5 mm board with additional heatspreading copper
area of 600mm2 and 70 mm thickness. Ta = 85°C, Device is loaded with 1W power.
P_4.3.15


同様の部品番号 - BTF3035EJ

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTF3050EJ INFINEON-BTF3050EJ Datasheet
3Mb / 59P
   Smart Low-Side Power Switch
Rev. 1.0 2018-08-08
BTF3050TE INFINEON-BTF3050TE Datasheet
1Mb / 48P
   Smart Low-Side Power Switch
Rev. 1.1, 2018-08-28
BTF3080EJ INFINEON-BTF3080EJ Datasheet
3Mb / 59P
   Smart Low-Side Power Switch
Rev. 1.0 2018-08-08
More results

同様の説明 - BTF3035EJ

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTS3118N INFINEON-BTS3118N_08 Datasheet
277Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3205G INFINEON-BTS3205G Datasheet
399Kb / 21P
   Smart Low-Side Power Switch
Rev. 1.0, December 2007
BTS3410G INFINEON-BTS3410G_07 Datasheet
304Kb / 12P
   Smart Low Side Power Switch
Rev. 1.3, 2007-11-06
BTS141TC INFINEON-BTS141TC Datasheet
273Kb / 11P
   Smart Low Side Power Switch
Rev. 1.0, 2009-07-20
BSP77 INFINEON-BSP77_08 Datasheet
272Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-14
BTS3110N INFINEON-BTS3110N_08 Datasheet
278Kb / 11P
   Smart Low Side Power Switch
Rev. 1.3, 2008-04-1
BTS3408G INFINEON-BTS3408G_08 Datasheet
434Kb / 18P
   Smart Low Side Power Switch
Rev. 1.3 2008-01-09
BTS3028SDL INFINEON-BTS3028SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3046SDR INFINEON-BTS3046SDR Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3104SDL INFINEON-BTS3104SDL Datasheet
1Mb / 22P
   Smart Low Side Power Switch
Rev. 1.0, 2009-12-06
BTS3800SL INFINEON-BTS3800SL Datasheet
1Mb / 18P
   Smart Low Side Power Switch
Rev. 1.1, 2011-04-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com