データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTT6200-1ENA データシート(PDF) 35 Page - Infineon Technologies AG

部品番号 BTT6200-1ENA
部品情報  Smart High-Side Power Switch Single Channel, 200m廓
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTT6200-1ENA データシート(HTML) 35 Page - Infineon Technologies AG

Back Button BTT6200-1ENA Datasheet HTML 31Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 32Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 33Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 34Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 35Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 36Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 37Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 38Page - Infineon Technologies AG BTT6200-1ENA Datasheet HTML 39Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Data Sheet
35
Rev. 1.0
2018-05-14
PROFET™+ 24 V
BTT6200-1ENA
Characterization Results
9.2
Power Stage
P_5.5.4
P_5.5.5
Output Voltage Drop Limitation at Low Load
Current VDS(NL) = f(TJ)
Drain to Source Clamp Voltage VDS(AZ) = f(TJ)
P_5.5.11
P_5.5.12
Slew Rate at Turn ON
dV/dtON = f(TJ;VS), RL = 47 Ω
Slew Rate at Turn OFF
-dV/dtOFF = f(TJ;VS), RL = 47 Ω
0.000
2.000
4.000
6.000
8.000
10.000
12.000
14.000
16.000
18.000
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
8V
28V
36V
65.000
66.000
67.000
68.000
69.000
70.000
71.000
72.000
73.000
74.000
75.000
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
8V
28V
36V
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.900
1.000
-50
-25
0
255075
100
125
150
Temperature [°C]
8V
28V
36V
0.000
0.100
0.200
0.300
0.400
0.500
0.600
0.700
0.800
0.900
-50
-25
0
25
50
75
100
125
150
Temperature [°C]
8V
28V
36V


同様の部品番号 - BTT6200-1ENA

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTT6200-1EJA INFINEON-BTT6200-1EJA Datasheet
2Mb / 48P
   Suitable for resistive, inductive and capacitive loads
Rev. 1.0, 2014-08-20
More results

同様の説明 - BTT6200-1ENA

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTS40K2-1ENC INFINEON-BTS40K2-1ENC Datasheet
1Mb / 40P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTS5200-1ENA INFINEON-BTS5200-1ENA Datasheet
1Mb / 45P
   Smart High-Side Power Switch Single Channel, 200m廓
Rev. 1.0 2018-05-14
BTT6010-1ERB INFINEON-BTT6010-1ERB Datasheet
1Mb / 47P
   Smart High-Side Power Switch, Single Channel 10m廓
Rev. 1.00 2019-03-09
BTT6030-2ERA INFINEON-BTT6030-2ERA Datasheet
1Mb / 55P
   Smart High-Side Power Switch Single Channel, 32m廓
Rev.1.00 2019-03-09
BTT6050-1ERA INFINEON-BTT6050-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 50m廓
Rev.1.00 2019-03-09
BTT6020-1ERA INFINEON-BTT6020-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 20m廓
Rev.1.00 2019-03-09
ITS4141D INFINEON-ITS4141D Datasheet
444Kb / 19P
   Smart High-Side Power Switch for Industrial Applications 1 Channel: 1 x 200m廓
2006-03-22
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com