データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ITS4060S-SJ-N データシート(PDF) 8 Page - Infineon Technologies AG

部品番号 ITS4060S-SJ-N
部品情報  Smart high-side NMOS-power switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4060S-SJ-N データシート(HTML) 8 Page - Infineon Technologies AG

Back Button ITS4060S-SJ-N Datasheet HTML 4Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 5Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 6Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 7Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 8Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 9Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 10Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 11Page - Infineon Technologies AG ITS4060S-SJ-N Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Data Sheet
8
Rev 1.1
2019-07-25
Smart high-side NMOS-power switch
ITS4060S-SJ-N
Electrical characteristics
4
Electrical characteristics
Table 5
VS=13.5V; Tj = -40°C to 125°C; all voltages with respect to ground. Currents flowing into the
device unless otherwise specified in chapter “Block diagram and terms”. Typical values at
Vs= 13.5V, Tj=25°C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Powerstage
NMOS ON resistance
RDSON
5060mΩ
IOUT= 2A;Tj= 25°C;
9V < VS< 34V;
VIN= 5V
5.0.1
NMOS ON resistance
RDSON
95
120
mΩ
IOUT= 2A;Tj= 125°C;
9V < VS< 34V;
VIN= 5V
5.0.2
Nominal load current;
device on PCB 1)
ILNOM
2.6
3.1
A
Tpin5= 85°C
5.0.3
Timings of power stages2)
Turn ON time (to 90% of Vout);
L to H transition of VIN
tON
90
180
µs
VS=13.5V; RL=47Ω
5.0.4
Turn OFF time (to 10% of Vout);
H to L transition of VIN
tOFF
110
230
µs
VS=13.5V; RL=47Ω
5.0.5
ON-slew rate; ∆VOUT/ ∆t
(10 to 30% of Vout);
L to H transition of VIN
SRON
–0.7
1.5
V / µs VS=13.5V; RL=47Ω
5.0.6
OFF-slew rate; ∆VOUT/ ∆t
(70 to 40% of Vout);
H to L transition of VIN
SROFF
–0.7
1.5
V / µs VS=13.5V; RL=47Ω
5.0.7
Under voltage lockout (charge pump start-stop-restart)
Supply undervoltage;
charge pump stop voltage
VSUV
––5.5
V
VS decreasing
5.0.8
Supply startup voltage;
Charge pump restart voltage
VSSU
–4.0
5.5
V
VS increasing
5.0.9
Current consumption
Operating current
IGND
–0.8
1.5
mA
VIN= 5V
5.0.10
Standby current
ISSTB
––10
µA
VIN= 0V; VOUT= 0V
-40°C < Tj< 85°C
5.0.11
Standby current
ISSTB
––15
µA
VIN= 0V; VOUT= 0V
Tj= 125°C
5.0.12
Output leakage current
IOUTLK
––5
µA
VIN= 0V; VOUT= 0V
5.0.13
Protection functions 3)
Initial peak short circuit current
limit
ILSCP
––28
A
Tj = -40°C; VS= 20V
VIN =5.0V; tm =150µs
5.0.14


同様の部品番号 - ITS4060S-SJ-N

メーカー部品番号データシート部品情報
logo
C&K Components
ITS4060-F-V1-S-TR CK-COMPONENTS-ITS4060-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4060-FR1-S-TR CK-COMPONENTS-ITS4060-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4060-FR2-S-TR CK-COMPONENTS-ITS4060-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4060-FR3N-S-TR CK-COMPONENTS-ITS4060-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4060-FV2-S-TR CK-COMPONENTS-ITS4060-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

同様の説明 - ITS4060S-SJ-N

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
ITS4200S-SJ-D INFINEON-ITS4200S-SJ-D Datasheet
1Mb / 22P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-O INFINEON-ITS4200S-ME-O Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
BTS41K0S-ME-N INFINEON-BTS41K0S-ME-N Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.1, 2012-05-08
ITS4200S-ME-P INFINEON-ITS4200S-ME-P Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4100S-SJ-N INFINEON-ITS4100S-SJ-N Datasheet
1Mb / 20P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS41K0S-ME-N INFINEON-ITS41K0S-ME-N Datasheet
1Mb / 19P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-N INFINEON-ITS4200S-ME-N Datasheet
1Mb / 19P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4300S-SJ-D INFINEON-ITS4300S-SJ-D Datasheet
1Mb / 22P
   Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
BTS5210G INFINEON-BTS5210G_09 Datasheet
339Kb / 17P
   Smart High-Side Power Switch
Rev. 1.3, April 2009
BTS4142N INFINEON-BTS4142N_07 Datasheet
383Kb / 20P
   Smart High-Side Power Switch
V1.1, 2007-05-29
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com