データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ITS4130Q-EP-D データシート(PDF) 33 Page - Infineon Technologies AG

部品番号 ITS4130Q-EP-D
部品情報  130 m廓 Quad Channel Smart High-Side Power Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ITS4130Q-EP-D データシート(HTML) 33 Page - Infineon Technologies AG

Back Button ITS4130Q-EP-D Datasheet HTML 29Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 30Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 31Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 32Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 33Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 34Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 35Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 36Page - Infineon Technologies AG ITS4130Q-EP-D Datasheet HTML 37Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
Data Sheet
33
Rev. 1.0
2018-06-14
ITS4130Q-EP-D
130 mΩ Quad Channel Smart High-Side Power Switch
Diagnostic Functions
7.3
Typical Performance Characteristics Diagnostic Functions
Typical Performance Characteristics
Status Settling Time
tST(FAULT) versus
Junction Temperature
Tj (overload during ON)
Status Settling Time
tST(Fault)_SC1 versus
Junction Temperature
Tj (switch on into overload)
Maximum Delay Time
TD (TX‘H->L’ to ST ‘L->H’) vs.
Junction Temperature
Tj
ST “High” Valid window (after
TX) TM versus
Junction Temperature
Tj
−50
0
50
100
150
0
10
20
30
40
50
60
70
80
T
j
[
°C]
V
S
= 24V
typ. t
ST(Fault)
for R
L
: 47
Ω −> 15 Ω
typ. t
ST(Fault)
for R
L
: 47
Ω −> 0 Ω
−50
0
50
100
150
0
10
20
30
40
50
60
70
80
T
j
[
°C]
V
S
= 24V
V
DS
= 8V
t
ST(Fault)_SC1
−50
0
50
100
150
0
1
2
3
4
5
6
7
8
9
10
T
j
[
°C]
V
S
= 24V
T
D
−50
0
50
100
150
0
10
20
30
40
50
60
70
80
90
100
T
j
[
°C]
V
S
= 24V
T
M


同様の部品番号 - ITS4130Q-EP-D

メーカー部品番号データシート部品情報
logo
C&K Components
ITS4130-F-V1-S-TR CK-COMPONENTS-ITS4130-F-V1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR1-S-TR CK-COMPONENTS-ITS4130-FR1-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR2-S-TR CK-COMPONENTS-ITS4130-FR2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FR3N-S-TR CK-COMPONENTS-ITS4130-FR3N-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
ITS4130-FV2-S-TR CK-COMPONENTS-ITS4130-FV2-S-TR Datasheet
851Kb / 9P
   Illuminated Tact Switch
2021
More results

同様の説明 - ITS4130Q-EP-D

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
ITS4090Q-EP-D INFINEON-ITS4090Q-EP-D Datasheet
1Mb / 42P
   90 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
ITS4075Q-EP-D INFINEON-ITS4075Q-EP-D Datasheet
1Mb / 42P
   75 m廓 Quad Channel Smart High-Side Power Switch
Rev. 1.01 2018-06-14
logo
Texas Instruments
TPS4H160-Q1 TI1-TPS4H160-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   40-V, 160-m廓 Quad-Channel Smart High-Side Switch
logo
Infineon Technologies A...
ITS4040D-EP-D INFINEON-ITS4040D-EP-D Datasheet
1Mb / 44P
   40 m廓 Dual Channel Smart High-Side Power Switch
Rev. 1.0 2018-06-14
BTS441T INFINEON-BTS441T_08 Datasheet
309Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.11, 2008-12-09
BTT6010-1ERA INFINEON-BTT6010-1ERA Datasheet
1Mb / 46P
   Smart High-Side Power Switch Single Channel, 10 m廓
Rev. 1.00 2019-03-09
BTT6100-2ERA INFINEON-BTT6100-2ERA Datasheet
1Mb / 47P
   Smart High-Side Power Switch Dual Channel, 100 m廓
Rev.1.00 2019-03-09
BTS441R INFINEON-BTS441R_09 Datasheet
340Kb / 15P
   Smart Power High-Side-Switch One Channel: 20 m廓
Rev. 1.1, 2009-01-30
BTT6030-1ERA INFINEON-BTT6030-1ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Single Channel, 31 m廓
Rev.1.00 2019-03-09
BTT6050-2ERA INFINEON-BTT6050-2ERA Datasheet
1Mb / 53P
   Smart High-Side Power Switch Dual Channel, 50 m廓
Rev.1.00 2019-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com