データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLE75602-ESH データシート(PDF) 41 Page - Infineon Technologies AG

部品番号 TLE75602-ESH
部品情報  SPIDER 12V SPI Driver for Enhanced Relay Control
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE75602-ESH データシート(HTML) 41 Page - Infineon Technologies AG

Back Button TLE75602-ESH Datasheet HTML 37Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 38Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 39Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 40Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 41Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 42Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 43Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 44Page - Infineon Technologies AG TLE75602-ESH Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 82 page
background image
Datasheet
41
Rev. 1.0
2017-11-23
TLE75602-ESH
SPIDER+ 12V
Power Stages
Power stage voltage drop at
low battery
Auto-configurable channels
VDS(OP)
––
1
V
RL = 50 Ω
connected to VS or
ground
VS = VS(OP),max
VDn = VS(OP),max
refer to Figure 18
P_7.6.13
Power stage voltage drop at
low battery
Low-side channels
VDS(OP)
––
1
V
RL = 50 Ω supplied
by VS = 4 V
VS = VS(OP),max
refer to Figure 17
P_7.6.14
Drain to Source Output
clamping voltage
VDS(CL)
42
46
55
V
IL = 20 mA
for High-Side
Configuration VS =
VOUT_Dn= 36 V
P_7.6.16
Source to Ground Output
clamping voltage
Auto-configurable channels
VOUT_S(CL)
-25
-16
V
IL = 20 mA
VS = VOUT_Dn= 7 V
P_7.6.17
Output leakage current
(each channel)
TJ ≤ 85 °C
(Low-Side channels)
IL(OFF)
–0.01
0.5
µA
1)
VIN = 0 V or floating
VDS = 28 V
OUT.OUTn = 0
TJ ≤ 85 °C
P_7.6.19
Output leakage current
(each channel)
TJ ≤ 85 °C
(Auto-configurable
channels)
IL(OFF)
–0.01
0.5
µA
1)
VIN = 0 V or floating
VDS = 28 V
VOUT_S = 1.5V
OUT.OUTn = 0
TJ ≤ 85 °C
P_7.6.47
Output leakage current
(each channel)
TJ = 150 °C
(Low-Side channels)
IL(OFF)
–0.1
5
µA
1)
VIN = 0 V or floating
VDS = 28 V
OUT.OUTn = 0
TJ = 150 °C
P_7.6.20
Output leakage current
(each channel)
TJ = 150 °C
(Auto-configurable
channels)
IL(OFF)
–0.1
5
µA
1)
VIN = 0 V or floating
VDS = 28 V
VOUT_S = 1.5V
OUT.OUTn = 0
TJ = 150 °C
P_7.6.49
Timings
Table 10
Electrical Characteristics: Power Stage (cont’d)
VDD = 3 V to 5.5 V, VS = 7 V to 18 V, TJ = -40 °C to +150 °C (unless otherwise specified)
Typical values: VDD = 5 V, VS = 13.5 V, TJ = 25 °C
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.


同様の部品番号 - TLE75602-ESH

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE75602-ESD INFINEON-TLE75602-ESD Datasheet
2Mb / 70P
   SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
More results

同様の説明 - TLE75602-ESH

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
TLE75620-EST INFINEON-TLE75620-EST Datasheet
2Mb / 81P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75004-EPD INFINEON-TLE75004-EPD Datasheet
2Mb / 62P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESD INFINEON-TLE75242-ESD Datasheet
2Mb / 71P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75242-ESH INFINEON-TLE75242-ESH Datasheet
2Mb / 83P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESD INFINEON-TLE75080-ESD Datasheet
2Mb / 66P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75008-ESD INFINEON-TLE75008-ESD Datasheet
2Mb / 63P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-ESH INFINEON-TLE75080-ESH Datasheet
2Mb / 78P
   SPIDER 12V SPI Driver for Enhanced Relay Control
Rev. 1.0 2017-11-23
TLE75080-EMH INFINEON-TLE75080-EMH Datasheet
3Mb / 80P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE75080-EMD INFINEON-TLE75080-EMD Datasheet
3Mb / 67P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, 2016-06-22
TLE7232GS INFINEON-TLE7232GS Datasheet
742Kb / 32P
   SPI Driver for Enhanced Relay Control
Rev. 1.0, December 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com