データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISD94100 データシート(PDF) 25 Page - Nuvoton Technology Corporation

部品番号 ISD94100
部品情報  ISD ARM짰 Cortex짰-M4F SoC
Download  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NUVOTON [Nuvoton Technology Corporation]
ホームページ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

ISD94100 データシート(HTML) 25 Page - Nuvoton Technology Corporation

Back Button ISD94100 Datasheet HTML 21Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 22Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 23Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 24Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 25Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 26Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 27Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 28Page - Nuvoton Technology Corporation ISD94100 Datasheet HTML 29Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 109 page
background image
ISD94100 Series Datasheet
Sep 09, 2019
Page 25 of 109
Rev1.13
Pins
Pin Name
Type
MFP
Description
QFN48
(6x6)
LQFP64
(7x7)
LQFP64
(10x10)
15
18
18
PC.1
I/O
MFP0 General purpose digital I/O pin.
I2C1_SDA
I/O
MFP1 I2C1 data input/output pin.
X32_IN
I
MFP2 External 32.768 kHz (low-speed) crystal input pin.
SPI1_MISO
I/O
MFP3 SPI1 MISO (Master In, Slave Out) pin; or I2S1 data
input pin.
16
19
19
PC.2
I/O
MFP0 General purpose digital I/O pin.
I2C1_SMBSUS
O
MFP1 I2C1 SMBus SMBSUS# pin (PMBus CONTROL pin)
TM3
I/O
MFP2 Timer3 event counter input / toggle output.
SPI1_CLK
I/O
MFP3 SPI1 Serial Clock pin; or I2S1 bit clock pin.
17
20
20
PC.3
I/O
MFP0 General purpose digital I/O pin.
I2C1_SMBAL
O
MFP1 I2C1 SMBus SMBALERT# pin
TM3_EXT
I/O
MFP2 Timer3 external capture input.
SPI1_SS
I/O
MFP3 SPI1 slave select pin; or I2S1 left right channel clock
pin.
18
21
21
PC.4
I/O
MFP0 General purpose digital I/O pin.
PWM0_CH2
I/O
MFP1 PWM0 channel2 output/capture input.
CLKO
O
MFP2 Clock Output pin.
SPI1_I2SMCLK
O
MFP3 SPI1 I2S master clock output pin.
22
22
PC.5
I/O
MFP0 General purpose digital I/O pin.
INT1
I
MFP1 External interrupt1 input pin.
SPI2_MOSI
I/O
MFP2 SPI2 MOSI (Master Out, Slave In) pin.
23
23
PC.6
I/O
MFP0 General purpose digital I/O pin.
INT2
I
MFP1 External interrupt2 input pin.
SPI2_MISO
I/O
MFP2 SPI2 MISO (Master In, Slave Out) pin.
24
24
PC.7
I/O
MFP0 General purpose digital I/O pin.
SPI0_SS0
I/O
MFP1 1st SPI0 Slave Select pin
SPI2_CLK
I/O
MFP2 SPI2 serial clock pin.
25
25
PC.8
I/O
MFP0 General purpose digital I/O pin.
SPI0_MOSI1
I/O
MFP1 2nd SPI0 MOSI (Master Out, Slave In) pin.
SPI2_SS
I/O
MFP2 SPI2 Slave Select pin.
26
26
PC.9
I/O
MFP0 General purpose digital I/O pin.
SPI0_MISO1
I/O
MFP1 2nd SPI0 MISO (Master In, Slave Out) pin.
SPI2_I2SMCLK
O
MFP2 SPI2 I2S master clock output pin


同様の部品番号 - ISD94100

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ISD9100 ETC2-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex-M0 ChipCorder
logo
Nuvoton Technology Corp...
ISD9100 NUVOTON-ISD9100 Datasheet
864Kb / 26P
   ISD Cortex??M0 ChipCorder
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
More results

同様の説明 - ISD94100

メーカー部品番号データシート部品情報
logo
Nuvoton Technology Corp...
ISD91200 NUVOTON-ISD91200 Datasheet
870Kb / 48P
   ISD ARM짰 Cortex짰-M0 SoC
ISD91032 NUVOTON-ISD91032 Datasheet
1Mb / 22P
   ISD ARM짰 Cortex짰 M0 SoC
ISD91300 NUVOTON-ISD91300 Datasheet
483Kb / 27P
   ISD ARM짰 Cortex짰-M0 Audio SoC
M480 NUVOTON-M480 Datasheet
8Mb / 401P
   32-bit ARM짰 Cortex짰-M4F Microcontroller
logo
Texas Instruments
S6E2C2AL0AGL20000 TI1-S6E2C2AL0AGL20000 Datasheet
5Mb / 207P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
S6E2C3 CYPRESS-S6E2C3 Datasheet
5Mb / 198P
   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Texas Instruments
S6E2C49J0AGB10000 TI1-S6E2C49J0AGB10000 Datasheet
4Mb / 193P
[Old version datasheet]   32-bit ARM짰 Cortex짰-M4F FM4 Microcontroller
logo
Cypress Semiconductor
MB9B360R CYPRESS-MB9B360R Datasheet
3Mb / 166P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9B160L CYPRESS-MB9B160L Datasheet
2Mb / 118P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
MB9BF564KQN CYPRESS-MB9BF564KQN Datasheet
2Mb / 124P
   32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com