データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTS7006-1EPZ データシート(PDF) 26 Page - Infineon Technologies AG

部品番号 BTS7006-1EPZ
部品情報  PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INFINEON [Infineon Technologies AG]
ホームページ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BTS7006-1EPZ データシート(HTML) 26 Page - Infineon Technologies AG

Back Button BTS7006-1EPZ Datasheet HTML 22Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 23Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 24Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 25Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 26Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 27Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 28Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 29Page - Infineon Technologies AG BTS7006-1EPZ Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
Data Sheet
26
Rev. 1.00
2019-10-15
BTS7006-1EPZ
PROFET™+2 12V
Power Stages
7.5
Electrical Characteristics - Power Output Stages
VS = 6 V to 18 V, TJ = -40 °C to +150 °C; TJ = +150 °C to +175 °C not subject to production test - specified by design
Typical values: VS = 13.5 V, TJ= 25 °C
Typical resistive load connected to the output for testing (unless otherwise specified):
RL = 2.1 Ω
7.5.1
Power Output Stage - 6 mΩ
Slew Rate Matching
(dV/dt)ON - (dV/dt)OFF
Δ(dV/dt)SW -0.15
0
+0.15
V/μs VS = 13.5 V
P_7.4.5.8
Voltages
Output Voltage Drop
Limitation at Small Load
Currents
VDS(SLC)
210
20
mV
1)
IOUT = IOUT(OL) = 20
mA
P_7.4.5.9
1) Not subject to production test - specified by design
Table 13
Electrical Characteristics: Power Stages - 6 mΩ
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Output characteristics
ON-State Resistance at
TJ =25 °C
RDS(ON)_25
–6.6
1)
TJ = 25 °C
P_7.5.12.1
ON-State Resistance at
TJ = 150 °C
RDS(ON)_150
––12
TJ = 150 °C
P_7.5.12.2
ON-State Resistance at
TJ = 175 °C
RDS(ON)_175
13.5
1)
TJ = 175 °C
P_7.5.12.17
ON-State Resistance in
Cranking
RDS(ON)_CRAN
K
––15
TJ = 150 °C
VS = 3.1 V
P_7.5.12.3
ON-State Resistance in
Inverse Current at TJ = 25 °C
RDS(INV)_25
–6.7
1)
TJ = 25 °C
VS = 13.5 V
IL = -4 A
DEN = “low”
see Figure 18
P_7.5.12.4
ON-State Resistance in
Inverse Current at TJ = 150 °C
RDS(INV)_150 ––15
TJ = 150 °C
VS = 13.5 V
IL = -4 A
DEN = “low”
see Figure 18
P_7.5.12.5
Table 12
Electrical Characteristics: Power Stages (continued)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.


同様の部品番号 - BTS7006-1EPZ

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTS7006-1EPP INFINEON-BTS7006-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
More results

同様の説明 - BTS7006-1EPZ

メーカー部品番号データシート部品情報
logo
Infineon Technologies A...
BTS7006-1EPP INFINEON-BTS7006-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 6.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7010-1EPA INFINEON-BTS7010-1EPA Datasheet
1Mb / 58P
   PROFET??2 12V 1x 10 m廓 Smart High-Side Power Switch
Rev. 1.02 2019-10-15
BTS7008-1EPZ INFINEON-BTS7008-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 8 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7012-1EPA INFINEON-BTS7012-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 12 m廓 Smart High-Side Power Switch
Rev. 1.03 2019-10-30
BTS7008-1EPP INFINEON-BTS7008-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 8.8 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7004-1EPZ INFINEON-BTS7004-1EPZ Datasheet
1Mb / 57P
   PROFET??2 12V 1x 4.4 m廓 Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7002-1EPP INFINEON-BTS7002-1EPP Datasheet
1Mb / 55P
   PROFET??2 12V 1x 2.6 m廓 Smart High-Side Power Switch
Rev. 1.04 2019-10-15
BTS7040-1EPZ INFINEON-BTS7040-1EPZ Datasheet
1Mb / 59P
   PROFET??2 12V 1x 19 m廓Smart High-Side Power Switch
Rev. 1.00 2019-10-15
BTS7040-1EPA INFINEON-BTS7040-1EPA Datasheet
1Mb / 60P
   PROFET??2 12V 1x 40 m廓 PROFET??2 12V 1x 40 m廓
Rev. 1.03 2019-10-30
BTS7008-2EPA INFINEON-BTS7008-2EPA Datasheet
1Mb / 64P
   PROFET??2 12V 2x 8 m廓 Smart High-Side Power Switch
Rev. 1.14 2019-10-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com