データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJ10015 データシート(PDF) 4 Page - ON Semiconductor

部品番号 MJ10015
部品情報  NPN SILICON POWER DARLINGTON TRANSISTORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJ10015 データシート(HTML) 4 Page - ON Semiconductor

  MJ10015 Datasheet HTML 1Page - ON Semiconductor MJ10015 Datasheet HTML 2Page - ON Semiconductor MJ10015 Datasheet HTML 3Page - ON Semiconductor MJ10015 Datasheet HTML 4Page - ON Semiconductor MJ10015 Datasheet HTML 5Page - ON Semiconductor MJ10015 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MJ10015 MJ10016
4
Motorola Bipolar Power Transistor Device Data
Table 1. Test Conditions for Dynamic Performance
VCEO(sus)
VCEX AND INDUCTIVE SWITCHING
RESISTIVE SWITCHING
20
1
0
PW Varied to Attain
IC = 100 mA
Lcoil = 10 mH, VCC = 10 V
Rcoil = 0.7 Ω
Vclamp = VCEO(sus)
Lcoil = 180 µH
Rcoil = 0.05 Ω
VCC = 20 V
VCC = 250 V
RL = 12.5 Ω
Pulse Width = 25
µs
INDUCTIVE TEST CIRCUIT
TURN–ON TIME
IB1 adjusted to
obtain the forced
hFE desired
TURN–OFF TIME
Use inductive switching
driver as the input to
the resistive test circuit.
t1 Adjusted to
Obtain IC
Test Equipment
Scope — Tektronix
475 or Equivalent
RESISTIVE TEST CIRCUIT
OUTPUT WAVEFORMS
2
IB1
1
2
5 V
INDUCTIVE TEST CIRCUIT
1
INPUT
2
Rcoil
Lcoil
VCC
Vclamp
RS =
0.1
1N4937
OR
EQUIVALENT
TUT
SEE ABOVE FOR
DETAILED CONDITIONS
1
INPUT
2
Rcoil
Lcoil
VCC
Vclamp
RS =
0.1
1N4937
OR
EQUIVALENT
TUT
SEE ABOVE FOR
DETAILED CONDITIONS
t1
IC(pk)
tf Clamped
tf
t
t
t2
TIME
VCE or
Vclamp
1
2
TUT
RL
VCC
t1 ≈
Lcoil (IC
pk
)
VCC
t2 ≈
Lcoil (IC
pk
)
VClamp
* Adjust – V such that VBE(off) = 5 V except as required for RBSOA (Figure 8).
Figure 6. Inductive Switching Measurements
trv
TIME
IC
VCE
90% IB1
tsv
IC pk
Vclamp
90% Vclamp
90% IC
10% Vclamp
10%
IC pk
2% IC
IB
tfi
tti
tc
SWITCHING TIMES NOTE
In resistive switching circuits, rise, fall, and storage times
have been defined and apply to both current and voltage
waveforms since they are in phase. However, for inductive
loads which are common to SWITCHMODE power supplies
and hammer drivers, current and voltage waveforms are not
in phase. Therefore, separate measurements must be made
on each waveform to determine the total switching time. For
this reason, the following new terms have been defined.
tsv = Voltage Storage Time, 90% IB1 to 10% Vclamp
trv = Voltage Rise Time, 10–90% Vclamp
tfi = Current Fall Time, 90–10% IC
tti = Current Tail, 10–2% IC
tc = Crossover Time, 10% Vclamp to 10% IC
For the designer, there is minimal switching loss during
storage time and the predominant switching power losses
occur during the crossover interval and can be obtained us-
ing the standard equation from AN–222:
PSWT = 1/2 VCC IC (tc) f
In general, trv + tfi ^ tc. However, at lower test currents
this relationship may not be valid.
As is common with most switching transistors, resistive
switching is specified and has become a benchmark for de-
signers. However, for designers of high frequency converter
circuits, the user oriented specifications which make this a
“SWITCHMODE” transistor are the inductive switching
speeds (tc and tsv) which are guaranteed.


同様の部品番号 - MJ10015

メーカー部品番号データシート部品情報
logo
Mospec Semiconductor
MJ10015 MOSPEC-MJ10015 Datasheet
181Kb / 4P
   POWER TRANSISTORS(50A,400-500V,250W)
logo
Motorola, Inc
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
   50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
logo
New Jersey Semi-Conduct...
MJ10015 NJSEMI-MJ10015 Datasheet
71Kb / 1P
   NPN SILICON POWER DARLINGTON TRANSISTORS
More results

同様の説明 - MJ10015

メーカー部品番号データシート部品情報
logo
ON Semiconductor
MJ10005 ONSEMI-MJ10005 Datasheet
229Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
REV 2
MJ10020 ONSEMI-MJ10020 Datasheet
293Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995
logo
Quanzhou Jinmei Electro...
2SD2439 JMNIC-2SD2439_15 Datasheet
88Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD1895_2015 JMNIC-2SD1895_2015 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Inchange Semiconductor ...
2SD2386 ISC-2SD2386 Datasheet
83Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Quanzhou Jinmei Electro...
2SD1895 JMNIC-2SD1895 Datasheet
98Kb / 3P
   Silicon NPN Darlington Power Transistors
logo
Savantic, Inc.
2SC3144 SAVANTIC-2SC3144 Datasheet
99Kb / 3P
   Silicon NPN Darlington Power Transistors
2SC3146 SAVANTIC-2SC3146 Datasheet
96Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2386 SAVANTIC-2SD2386 Datasheet
126Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2439 SAVANTIC-2SD2439 Datasheet
142Kb / 3P
   Silicon NPN Darlington Power Transistors
2SD2560 SAVANTIC-2SD2560 Datasheet
147Kb / 3P
   Silicon NPN Darlington Power Transistors
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com