データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

YAT-12A データシート(PDF) 1 Page - Mini-Circuits

部品番号 YAT-12A
部品情報  Fixed Attenuator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MINI [Mini-Circuits]
ホームページ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

YAT-12A データシート(HTML) 1 Page - Mini-Circuits

  YAT-12A Datasheet HTML 1Page - Mini-Circuits YAT-12A Datasheet HTML 2Page - Mini-Circuits YAT-12A Datasheet HTML 3Page - Mini-Circuits YAT-12A Datasheet HTML 4Page - Mini-Circuits YAT-12A Datasheet HTML 5Page - Mini-Circuits YAT-12A Datasheet HTML 6Page - Mini-Circuits YAT-12A Datasheet HTML 7Page - Mini-Circuits YAT-12A Datasheet HTML 8Page - Mini-Circuits YAT-12A Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Microwave Precision
Fixed Attenuator
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
The Big Deal
• Exceptional Power Handling, Up to 2W
• Wide bandwidth, DC - 18 GHz
• Small Size, 2 mm x 2 mm
Product Overview
YAT-A attenuators (ROHS compliant) are fixed value, absorptive attenuators fabricated using highly repeti-
tive MMIC processing including thin film resistors on GaAs substrates. YAT-A attenuators contain through-
wafer metallization vias to realize low thermal resistance and wideband operation. YAT-As are available
with nominal attenuation values of 0 to 10 dB (in 1 dB steps), and 12, 15, 20, and 30 dB. Packaged in tiny
2 mm x 2 mm MCLPTM package fits into tiny spaces.
Feature
Advantages
Wideband operation, DC to 18 GHz
Supports a wide array of applications including wireless cellular, microwave Com-
munications, satellite, Defense and aerospace, medical broadband and optic applica-
tions.
Small Size and simple to use
(2 mm x 2 mm)
As a single chip solution, the YAT-A series occupies less board space than a “T” or “Pi”
pad configuration, and ensures repeatable performance over wide frequency ranges.
High Power, Up to 2W
High power handling in a small size package.
Wide range of nominal attenuation values
0 to 10 dB (in 1 dB steps), and 12, 15, 20,
and 30 dB
Small increment offering enables circuit designer to change attenuation values without
motherboard redesign making the YAT-A series ideal for select at test application.
MCLPTM Package
Low Inductance, repeatable transitions, excellent thermal path make the YAT-A series an
ideal solution as an alternative to “do it yourself” resistor based attenuators.
YAT-A-SERIES
Key Features
50Ω
Up to 2W
DC to 18 GHz
CASE STYLE: MC1630


同様の部品番号 - YAT-12A

メーカー部品番号データシート部品情報
logo
Mini-Circuits
YAT-12-D MINI-YAT-12-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
More results

同様の説明 - YAT-12A

メーカー部品番号データシート部品情報
logo
DAICO Industries, Inc.
DAO960 DAICO-DAO960 Datasheet
106Kb / 1P
   Fixed Attenuator
logo
Mini-Circuits
LAT-30 MINI-LAT-30 Datasheet
251Kb / 1P
   Fixed Attenuator
RCAT-03 MINI-RCAT-03 Datasheet
245Kb / 4P
   Fixed Attenuator
RCAT-04 MINI-RCAT-04 Datasheet
244Kb / 4P
   Fixed Attenuator
RCAT-06 MINI-RCAT-06 Datasheet
245Kb / 4P
   Fixed Attenuator
KAT-2 MINI-KAT-2 Datasheet
231Kb / 4P
   Fixed Attenuator
logo
Yantel Corporation
FAT1820S2 YANTEL-FAT1820S2 Datasheet
150Kb / 2P
   Fixed Attenuator
FAT1830S2 YANTEL-FAT1830S2 Datasheet
150Kb / 2P
   Fixed Attenuator
FAT0660N5 YANTEL-FAT0660N5 Datasheet
136Kb / 2P
   Fixed Attenuator
logo
JFW Industries, Inc.
50FH-XXX-5 JFW-50FH-XXX-5 Datasheet
27Kb / 1P
   FIXED ATTENUATOR
50HFAR-XXX JFW-50HFAR-XXX Datasheet
26Kb / 1P
   FIXED ATTENUATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com