データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SA212-M1 データシート(PDF) 3 Page - Filtronic Compound Semiconductors

部品番号 SA212-M1
部品情報  Switched Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FILTRONIC [Filtronic Compound Semiconductors]
ホームページ  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

SA212-M1 データシート(HTML) 3 Page - Filtronic Compound Semiconductors

  SA212-M1 Datasheet HTML 1Page - Filtronic Compound Semiconductors SA212-M1 Datasheet HTML 2Page - Filtronic Compound Semiconductors SA212-M1 Datasheet HTML 3Page - Filtronic Compound Semiconductors SA212-M1 Datasheet HTML 4Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
!" "
# $ %&& !'"& ()!*+' , -$ %&& !'"& (.("'&
/, 0
1110,
0
!
!
M!
3 9
,
M'
3 2
,
M)
K
D
9
; ;)!
,
M)<; ; )!
=
"
!
"
!
!
9
!
!"
5E
'
9
'
!B
5E
)
9
)
!.
5E
&
9
&
'+
E0 0
(
9
(
'!
%(K
*
9
*
''
E0 0
"
9
"
')
E0 0
B
9
B
'&
E0 0
.
9
.
'(
:!'K
!.
9
!+
'*
E0 0
!!
9
!!
'"
E0 0
!'
9
!'
'B
E0 0
!)
9
!)
'.
E0 0
!&
9
!&
)+
E0 0
!(
9
!(
)!
E0 0
!*
9
!*


同様の部品番号 - SA212-M1

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
SA210 WTE-SA210 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA210 PANJIT-SA210 Datasheet
110Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Bedford Opto Technology...
SA210 BOT-SA210 Datasheet
42Kb / 2P
   5mm LED Assembly Single Way to 4 Way
logo
Pan Jit International I...
SA210 PANJIT-SA210 Datasheet
103Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
SA210 PANJIT-SA210 Datasheet
131Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
More results

同様の説明 - SA212-M1

メーカー部品番号データシート部品情報
logo
API Technologies Corp
NF29525 APITECH-NF29525 Datasheet
459Kb / 3P
   Switched Multiplexer with Integrated LNA
logo
Molex Electronics Ltd.
1673730 MOLEX11-1673730 Datasheet
109Kb / 1P
   Switched Socket
logo
List of Unclassifed Man...
IP55 ETC2-IP55 Datasheet
138Kb / 1P
   Switched Disconnects
logo
Motorola, Inc
MC33219A MOTOROLA-MC33219A Datasheet
509Kb / 28P
   Voice Switched Speakerphone
logo
RF Micro Devices
RF2421 RFMD-RF2421 Datasheet
40Kb / 4P
   10dB SWITCHED ATTENUATOR
logo
Texas Instruments
LM2776 TI1-LM2776_16 Datasheet
1Mb / 23P
[Old version datasheet]   Switched Capacitor Inverter
logo
System Logic Semiconduc...
SL34118 SLS-SL34118 Datasheet
136Kb / 12P
   Voice Switched Speakerphone Circuit
logo
Maxim Integrated Produc...
MAX1682 MAXIM-MAX1682 Datasheet
81Kb / 8P
   Switched-Capacitor Voltage Doublers
Rev 1; 8/98
logo
National Semiconductor ...
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com