データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS9000UCT データシート(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS9000UCT
部品情報  300mA CMOS Low Dropout Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9000UCT データシート(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9000UCT Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9000UCT Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9000UCT Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9000UCT Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TS9000/A series
2-4
2003/12 rev. B
Absolute Maximum Rating
Input Supply Voltage
Vin
+7
V
Output Current
Io
PD / (Vin – Vo)
V
Power Dissipation
SOT-23
SOT-89
TO-92
PD
0.3
0.5
0.65
W
Thermal Resistance
SOT-23
SOT-89
TO-92
Өja
325
180
160
oC/W
Operating Junction Temperature Range
Tj
-40 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
10
S
Caution
: Stress above the listed absolute rating may cause permanent damage to the device
.
Electrical Characteristics
Ta = 25
oC unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Unit
Output Voltage
Vin=Vo + 0.3V,
1mA
≤ Io ≤ 300mA,
0.985|Vo|
1.015|Vo|
Input Supply Voltage
Vo+0.3V
--
7
V
Output Voltage Temperature
Coefficient
--
40
--
ppm/
oC
Line Regulation
Vo+1V
≤ Vin ≤ Vo+2V,
Io=5mA
--
0.02
0.1
%
Load Regulation
1mA
≤ IL ≤ 300mA
--
0.2
1.0
%
Dropout Voltage
Io=300mA, Vo=Vo-2%
--
--
400
mV
Quiescent Current
Vin=5V, Io=0A
--
30
50
uA
Short Circuit Current
Vout < 0.4V
--
300
400
mA
Output Noise
--
20
--
uVrms
Power Supply Rejection Ratio
At 1KHz
--
55
--
dB
Detail Description
The TS9000/TS9000A series of CMOS regulators contain a P-MOS pass transistor, voltage reference, error amplifier,
over current protection and thermal shutdown.
The TS9000/TS9000A series switches from voltage mode to current mode when the load exceeds the rated output
current. This prevents over stress. The TS9000 also incorporates current fold-back to reduce power dissipation when
the output is short circuit. This feature becomes active when the output drops below 0.8V, and reduces the current flow
by 65%. Full current is restored when the voltage exceeds 0.8V.
The internal P-channel pass transistor receives data from the error amplifier, over current shutdown and thermal
protection circuits. During normal operation, the error amplifier compares the output voltage to a precision reference.
Over current and thermal shutdown circuits become active when the junction temperature exceeds 150
oC, or the
current exceeds 300mA. During thermal shutdown, the output voltage remains low. Normal operation is restored when
the junction temperature drops below 110
oC.


同様の部品番号 - TS9000UCT

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
276Kb / 6P
   300mA CMOS LDO
TS9000 TSC-TS9000_07 Datasheet
276Kb / 6P
   300mA CMOS LDO
More results

同様の説明 - TS9000UCT

メーカー部品番号データシート部品情報
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
   300mA low dropout CMOS voltage regulator
logo
AiT Semiconductor Inc.
A6301 AITSEMI-A6301 Datasheet
638Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.2
A6301A AITSEMI-A6301A Datasheet
397Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.1
A6304A AITSEMI-A6304A Datasheet
821Kb / 10P
   LOW DROPOUT VOLTAGE REGULATOR 300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
REV1.5
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com