データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A54SX72A-FPQ208M データシート(PDF) 18 Page - List of Unclassifed Manufacturers

部品番号 A54SX72A-FPQ208M
部品情報  SX-A Family FPGAs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

A54SX72A-FPQ208M データシート(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button A54SX72A-FPQ208M Datasheet HTML 14Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 15Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 16Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 17Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 18Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 19Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 20Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 21Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 108 page
background image
SX-A Family FPGAs
1- 12
v5.1
SX-A Probe Circuit Control Pins
SX-A devices contain internal probing circuitry that
provides built-in access to every node in a design,
enabling 100% real-time observation and analysis of a
device's internal logic nodes without design iteration.
The probe circuitry is accessed by Silicon Explorer II, an
easy to use, integrated verification and logic analysis tool
that can sample data at 100 MHz (asynchronous) or
66 MHz (synchronous). Silicon Explorer II attaches to a
PC’s standard COM port, turning the PC into a fully
functional 18-channel logic analyzer. Silicon Explorer II
allows designers to complete the design verification
process at their desks and reduces verification time from
several hours per cycle to a few seconds.
The Silicon Explorer II tool uses the boundary-scan ports
(TDI, TCK, TMS, and TDO) to select the desired nets for
verification. The selected internal nets are assigned to the
PRA/PRB pins for observation. Figure 1-13 illustrates the
interconnection between Silicon Explorer II and the FPGA
to perform in-circuit verification.
Design Considerations
In order to preserve device probing capabilities, users
should avoid using the TDI, TCK, TDO, PRA, and PRB pins
as input or bidirectional ports. Since these pins are active
during probing, critical input signals through these pins
are not available. In addition, the security fuse must not
be programmed to preserve probing capabilities. Actel
recommends that you use a 70
Ω series termination
resistor on every probe connector (TDI, TCK, TMS, TDO,
PRA, PRB). The 70
Ω series termination is used to prevent
data
transmission
corruption
during
probing
and
reading back the checksum.
Figure 1-13 • Probe Setup
SX-A FPGA
70
70
70
70
70
70
TDI
TCK
TMS
TDO
PRA
PRB
Serial Connection
Silicon Explorer II


同様の部品番号 - A54SX72A-FPQ208M

メーカー部品番号データシート部品情報
logo
Actel Corporation
A54SX72A-FBG208 ACTEL-A54SX72A-FBG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX72A-FBG208A ACTEL-A54SX72A-FBG208A Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX72A-FBG208B ACTEL-A54SX72A-FBG208B Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX72A-FBG208I ACTEL-A54SX72A-FBG208I Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX72A-FBG208M ACTEL-A54SX72A-FBG208M Datasheet
818Kb / 108P
   SX-A Family FPGAs
More results

同様の説明 - A54SX72A-FPQ208M

メーカー部品番号データシート部品情報
logo
Actel Corporation
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com