データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A54SX72A-FPQ208M データシート(PDF) 31 Page - List of Unclassifed Manufacturers

部品番号 A54SX72A-FPQ208M
部品情報  SX-A Family FPGAs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

A54SX72A-FPQ208M データシート(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button A54SX72A-FPQ208M Datasheet HTML 27Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 28Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 29Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 30Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 31Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 32Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 33Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 34Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
SX-A Family FPGAs
v5.1
2-11
Thermal Characteristics
Introduction
The temperature variable in Actel Designer software refers to the junction temperature, not the ambient, case, or
board temperatures. This is an important distinction because dynamic and static power consumption will cause the
chip's junction to be higher than the ambient, case, or board temperatures. EQ 2-9 and EQ 2-10 give the relationship
between thermal resistance, temperature gradient and power.
EQ 2-9
EQ 2-10
Where:
θ
JA
T
J
T
A
P
----------------
=
θ
JA
T
C
T
A
P
------------------
=
θ
JA = Junction-to-air thermal resistance
θ
JC = Junction-to-case thermal resistance
TJ
= Junction temperature
TA = Ambient temperature
TC = Ambient temperature
P
= total power dissipated by the device
Table 2-12 • Package Thermal Characteristics
Package Type
Pin
Count
θ
JC
θ
JA
Units
Still Air
1.0 m/s
200 ft./min.
2.5 m/s
500 ft./min.
Thin Quad Flat Pack (TQFP)
100
14
33.5
27.4
25
°C/W
Thin Quad Flat Pack (TQFP)
144
11
33.5
28
25.7
°C/W
Thin Quad Flat Pack (TQFP)
176
11
24.7
19.9
18
°C/W
Plastic Quad Flat Pack (PQFP)1
208
8
26.1
22.5
20.8
°C/W
Plastic Quad Flat Pack (PQFP) with Heat Spreader2
208
3.8
16.2
13.3
11.9
°C/W
Plastic Ball Grid Array (PBGA)
329
3
17.1
13.8
12.8
°C/W
Fine Pitch Ball Grid Array (FBGA)
144
3.8
26.9
22.9
21.5
°C/W
Fine Pitch Ball Grid Array (FBGA)
256
3.8
26.6
22.8
21.5
°C/W
Fine Pitch Ball Grid Array (FBGA)
484
3.2
18
14.7
13.6
°C/W
Notes:
1. The A54SX08A PQ208 has no heat spreader.
2. The SX-A PQ208 package has a heat spreader for A54SX16A, A54SX32A, and A54SX72A.


同様の部品番号 - A54SX72A-FPQ208M

メーカー部品番号データシート部品情報
logo
Actel Corporation
A54SX72A-FBG208 ACTEL-A54SX72A-FBG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX72A-FBG208A ACTEL-A54SX72A-FBG208A Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX72A-FBG208B ACTEL-A54SX72A-FBG208B Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX72A-FBG208I ACTEL-A54SX72A-FBG208I Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX72A-FBG208M ACTEL-A54SX72A-FBG208M Datasheet
818Kb / 108P
   SX-A Family FPGAs
More results

同様の説明 - A54SX72A-FPQ208M

メーカー部品番号データシート部品情報
logo
Actel Corporation
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com