データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A54SX72A-FPQ208M データシート(PDF) 45 Page - List of Unclassifed Manufacturers

部品番号 A54SX72A-FPQ208M
部品情報  SX-A Family FPGAs
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

A54SX72A-FPQ208M データシート(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button A54SX72A-FPQ208M Datasheet HTML 41Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 42Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 43Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 44Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 45Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 46Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 47Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 48Page - List of Unclassifed Manufacturers A54SX72A-FPQ208M Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 108 page
background image
SX-A Family FPGAs
v5.1
2-25
Table 2-20 • A54SX08A Timing Characteristics
(Worst-Case Commercial Conditions VCCA = 2.25 V, VCCI = 4.75 V, TJ = 70°C)
Parameter
Description
–2 Speed
–1 Speed
Std. Speed
–F Speed
Units
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
5 V PCI Output Module Timing1
tDLH
Data-to-Pad Low to High
2.4
2.8
3.2
4.5
ns
tDHL
Data-to-Pad High to Low
3.2
3.6
4.2
5.9
ns
tENZL
Enable-to-Pad, Z to L
1.5
1.7
2.0
2.8
ns
tENZH
Enable-to-Pad, Z to H
2.4
2.8
3.2
4.5
ns
tENLZ
Enable-to-Pad, L to Z
3.5
3.9
4.6
6.4
ns
tENHZ
Enable-to-Pad, H to Z
3.2
3.6
4.2
5.9
ns
dTLH
2
Delta Low to High
0.016
0.02
0.022
0.032
ns/pF
dTHL
2
Delta High to Low
0.03
0.032
0.04
0.052
ns/pF
5 V TTL Output Module Timing3
tDLH
Data-to-Pad Low to High
2.4
2.8
3.2
4.5
ns
tDHL
Data-to-Pad High to Low
3.2
3.6
4.2
5.9
ns
tDHLS
Data-to-Pad High to Low—low slew
7.6
8.6
10.1
14.2
ns
tENZL
Enable-to-Pad, Z to L
2.4
2.7
3.2
4.5
ns
tENZLS
Enable-to-Pad, Z to L—low slew
8.4
9.5
11.0
15.4
ns
tENZH
Enable-to-Pad, Z to H
2.4
2.8
3.2
4.5
ns
tENLZ
Enable-to-Pad, L to Z
4.2
4.7
5.6
7.8
ns
tENHZ
Enable-to-Pad, H to Z
3.2
3.6
4.2
5.9
ns
dTLH
Delta Low to High
0.017
0.017
0.023
0.031
ns/pF
dTHL
Delta High to Low
0.029
0.031
0.037
0.051
ns/pF
dTHLS
Delta High to Low—low slew
0.046
0.057
0.066
0.089
ns/pF
Notes:
1. Delays based on 50 pF loading.
2. To obtain the slew rate, substitute the appropriate Delta value, load capacitance, and the VCCI value into the following equation:
Slew Rate [V/ns] = (0.1*VCCI – 0.9*VCCI)/ (Cload * dT[LH|HL|HLS])
where Cload is the load capacitance driven by the I/O in pF
dT[LH|HL|HLS] is the worst case delta value from the datasheet in ns/pF.
3. Delays based on 35 pF loading.


同様の部品番号 - A54SX72A-FPQ208M

メーカー部品番号データシート部品情報
logo
Actel Corporation
A54SX72A-FBG208 ACTEL-A54SX72A-FBG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX72A-FBG208A ACTEL-A54SX72A-FBG208A Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX72A-FBG208B ACTEL-A54SX72A-FBG208B Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX72A-FBG208I ACTEL-A54SX72A-FBG208I Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX72A-FBG208M ACTEL-A54SX72A-FBG208M Datasheet
818Kb / 108P
   SX-A Family FPGAs
More results

同様の説明 - A54SX72A-FPQ208M

メーカー部品番号データシート部品情報
logo
Actel Corporation
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
A54SX16A-PQG208A ACTEL-A54SX16A-PQG208A Datasheet
515Kb / 68P
   SX-A Automotive Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com