データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSC5304D データシート(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

部品番号 TSC5304D
部品情報  High Voltage NPN Transistor with Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC5304D データシート(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC5304D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC5304D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC5304D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Preliminary
TS5304D Preliminary
1-1
2004/09 rev. A
TSC5304D
High Voltage NPN Transistor with Diode
BVCEO = 400V
BVCBO = 750V
Ic = 4A
VCE (SAT), = 1.2V @ Ic / Ib = 4A / 1A
Ordering Information
Part No.
Packing
Package
TSC5304DCH
Tube
TO-251
TSC5304DCP
T&R
TO-252
Features
Built-in free-wheeling diode makes efficient anti
saturation operation.
No need to interest an hfe value because of low variable
storage-time spread even though comer spirit product.
Low base drive requirement.
Suitable for half bridge light ballast applications.
Structure
Silicon triple diffused type.
NPN silicon transistor with Diode
Block Diagram
Absolute Maximum Rating (Ta = 25
oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
750V
V
Collector-Emitter Voltage
VCEO
400V
V
Emitter-Base Voltage
VEBO
10
V
DC
4
Collector Current
Pulse
IC
8
A
DC
1.5
Base Current
Pulse
IB
4
A
Total Power Dissipation (Tc=25
oC)
PD
35
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TSTG
- 65 to +150
oC
Thermal Resistance Junction to Case
RΘjc
6
oC/W
Thermal Resistance Junction to Ambient
RΘja
90
oC/W
Note: 1. Single pulse, Pw = 300uS, Duty <= 2%
Pin assignment:
1.
Base
2.
Collector
3.
Emitter


同様の部品番号 - TSC5304D

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TSC5304D TSC-TSC5304D Datasheet
553Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304DCHC5 TSC-TSC5304DCHC5 Datasheet
553Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304DCHC5 TSC-TSC5304DCHC5 Datasheet
212Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304DCPRO TSC-TSC5304DCPRO Datasheet
553Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304DCPRO TSC-TSC5304DCPRO Datasheet
212Kb / 6P
   High Voltage NPN Transistor with Diode
More results

同様の説明 - TSC5304D

メーカー部品番号データシート部品情報
logo
Unisonic Technologies
5302D UTC-5302D Datasheet
146Kb / 4P
   HIGH VOLTAGE NPN TRANSISTOR WITH DIODE
logo
Taiwan Semiconductor Co...
TSC5301D TSC-TSC5301D_08 Datasheet
402Kb / 5P
   High Voltage NPN Transistor with Diode
TSC5304ED TSC-TSC5304ED_12 Datasheet
271Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304D TSC-TSC5304D_10 Datasheet
212Kb / 6P
   High Voltage NPN Transistor with Diode
TSC128D TSC-TSC128D_11 Datasheet
214Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5304ED TSC-TSC5304ED Datasheet
228Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_07 Datasheet
306Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_10 Datasheet
243Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D_14 Datasheet
689Kb / 6P
   High Voltage NPN Transistor with Diode
TSC5303D TSC-TSC5303D_14 Datasheet
1Mb / 6P
   High Voltage NPN Transistor with Diode
TSC5302D TSC-TSC5302D Datasheet
106Kb / 5P
   High Voltage NPN Transistor with Diode
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com