データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS39152CZ518 データシート(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

部品番号 TS39152CZ518
部品情報  1.5A Ultra Low Dropout Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TSC [Taiwan Semiconductor Company, Ltd]
ホームページ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39152CZ518 データシート(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  TS39152CZ518 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39152CZ518 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39152CZ518 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39152CZ518 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39152CZ518 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39152CZ518 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39152CZ518 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TS39151/52
6-6
2004/09 rev. A
Application Information (continues)
Adjustable Regulator Design
The adjustable regulator versions (TS39152) is allow
to programming the output voltage anywhere between
1.25 and the 16V maximum operating rating of the
family.
Two resistors are used. Resistors can be quite large
up to 1MΩ, because of the very high input impedance
and low bias current of the sense comparator, the
resistor values are calculated by:
R1 = R2 * [(Vout / 1.24) – 1]
Where is Vout the desired output voltage. Above
application
circuit
shows
component
definition.
Applications with widely varying load currents may
scale the resistors to draw the minimum load current
required for proper operation.
Error Flag
TS39151 versions feature an Error Flag, which looks
at the output voltage and signals an error condition
when this voltage drops 5% below its expected value.
The error flag is an open-collector output that pulls low
under fault conditions. It may sink 10mA. Low output
voltage signifies a number of possible problems,
including an over-current fault (the device is in current
limit) and low input voltage. The flag output is
inoperative
during
over
temperature
shutdown
conditions.
Enable Input
TS39151 and TS39152 versions feature an enable
(EN) input that allows ON/OFF control of the device.
Special design allows “zero” current drain when the
device is disabled–only microamperes of leakage
current flow. The EN input has TTL/CMOS compatible
thresholds for simple interfacing with logic, or may be
directly tied to ≤20V. Enabling the regulator requires
approximately 30uA of current.


同様の部品番号 - TS39152CZ518

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS39152CZ5 TSC-TS39152CZ5 Datasheet
520Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39152CZ5C0 TSC-TS39152CZ5C0 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

同様の説明 - TS39152CZ518

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
   1.5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable Regulator
logo
Taiwan Semiconductor Co...
TS29152 TSC-TS29152_13 Datasheet
145Kb / 8P
   1.5A Ultra Low Dropout Voltage Regulator
logo
Exar Corporation
SPX1583 EXAR-SPX1583 Datasheet
225Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com