データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD064VX1 データシート(PDF) 3 Page - AZ Displays

部品番号 PD064VX1
部品情報  Color TFT LCD module,
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AZDISPLAYS [AZ Displays]
ホームページ  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD064VX1 データシート(HTML) 3 Page - AZ Displays

  PD064VX1 Datasheet HTML 1Page - AZ Displays PD064VX1 Datasheet HTML 2Page - AZ Displays PD064VX1 Datasheet HTML 3Page - AZ Displays PD064VX1 Datasheet HTML 4Page - AZ Displays PD064VX1 Datasheet HTML 5Page - AZ Displays PD064VX1 Datasheet HTML 6Page - AZ Displays PD064VX1 Datasheet HTML 7Page - AZ Displays PD064VX1 Datasheet HTML 8Page - AZ Displays PD064VX1 Datasheet HTML 9Page - AZ Displays Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
PD064VX1
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:3
1.Application
This data sheet applies to a color TFT LCD module, PD064VX1.
PD064VX1 module applies to OA product, computer peripheral , industrial meter , image
communication and multi-media.. If you must use in severe reliability environment, please don’ t
extend over PVI’ s reliability test conditions.
If you use PD064VX1, Prime View advises your systems use PVI’ s timing controller IC
(PVI-2002A) which will generate proper timing signals to control PD064VX1.
2. Features
. VGA (640*480 pixels) resolution
. Amorphous silicon TFT LCD panel with back-light unit
. Pixel in stripe configuration
. Thin and light weight
. Display Colors:262,144 colors
. TTL transmission interface
3.Mechanical Specifications
Parameter
Specifications
Unit
Screen Size
6.4(diagonal)
inch
Display Format
640×(R, G, B)×480
dot
Display Colors
262,144
Active Area
129.6 (H)×97.4 (V)
mm
Pixel Pitch
0.2025 (H)×0.203 (V)
mm
Pixel Configuration
Stripe
Outline Dimension
146.4(w)×113.0 (H)×6.7 (typ.) (D)
mm
Weight
174
g
Back-light
CCFL, 1 tube
Surface treatment
Anti-glare and hard coating
Display mode
Normally white


同様の部品番号 - PD064VX1

メーカー部品番号データシート部品情報
logo
AZ Displays
PD064VL1 AZDISPLAYS-PD064VL1 Datasheet
531Kb / 23P
   TECHNICAL SPECIFICATION
PD064VT2 AZDISPLAYS-PD064VT2 Datasheet
313Kb / 21P
   This product applies computer peripheral, industrial meter, image communication, web-pad, e-boobs and multi-media
PD064VT2 AZDISPLAYS-PD064VT2 Datasheet
544Kb / 22P
   TECHNICAL SPECIFICATION
PD064VT2_V1.9 AZDISPLAYS-PD064VT2_V1.9 Datasheet
544Kb / 22P
   TECHNICAL SPECIFICATION
PD064VT4 AZDISPLAYS-PD064VT4 Datasheet
615Kb / 23P
   This product applies computer peripheral , industrial meter , image communication and multi-media.
More results

同様の説明 - PD064VX1

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
TM150XG-22L01A ETC1-TM150XG-22L01A Datasheet
612Kb / 15P
   TFT COLOR LCD MODULE
logo
AZ Displays
PM070WU1 AZDISPLAYS-PM070WU1 Datasheet
582Kb / 20P
   color TFT LCD module
PM102ZY3 AZDISPLAYS-PM102ZY3 Datasheet
793Kb / 28P
   color TFT LCD module
logo
NEC
NL6448BC20-18D NEC-NL6448BC20-18D Datasheet
354Kb / 29P
   TFT COLOR LCD MODULE
logo
AZ Displays
PD040QX2 AZDISPLAYS-PD040QX2 Datasheet
1Mb / 34P
   color TFT LCD module
logo
Purdy Electronics Corpo...
AND-TFT-35VX-LED PURDY-AND-TFT-35VX-LED Datasheet
3Mb / 6P
   TFT LCD Color Module
logo
NEC
NL6448BC33-53 NEC-NL6448BC33-53 Datasheet
253Kb / 29P
   TFT COLOR LCD MODULE
logo
List of Unclassifed Man...
TM150XG-02L02E ETC1-TM150XG-02L02E Datasheet
233Kb / 18P
   TFT COLOR LCD MODULE
TM150XG-02L02F ETC1-TM150XG-02L02F Datasheet
235Kb / 17P
   TFT COLOR LCD MODULE
TM150XG-26L07 ETC1-TM150XG-26L07 Datasheet
200Kb / 14P
   TFT COLOR LCD MODULE
V26L8060AA ETC-V26L8060AA Datasheet
295Kb / 17P
   color TFT LCD module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com