データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES51977 データシート(PDF) 8 Page - List of Unclassifed Manufacturers

部品番号 ES51977
部品情報  Integrated analog-to-digital converter (ADC)with 3 3/4 digits and 42-segment bargraph LCD display
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC1 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC1 - List of Unclassifed Manufacturers

ES51977 データシート(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ES51977 Datasheet HTML 4Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 5Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 10Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 11Page - List of Unclassifed Manufacturers ES51977 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
8
91年11月28日
ES51977
3 3/4 AUTO EASY
Continuity Check
The continuity check is the same as the 399.9Ω range of the resistance
measurement mode (manual mode). If the bargraph number <=3 ,there will
2.0 KHz signal comes out from BUZOUT pin, if the bargraph number >=4,
there will be no beep exist.
Diode Measurement
Use the DCV 3.999V range of voltage measurement mode (manual mode ).
If the test circuit is open or the device (diode) under test is larger than 2V,
the LCD display will show "OL",but the bargraph will show the real
detected voltage.
Frequency Counter
The timebase of ES51977 is derived by a clock oscillator.
The timebase of counter is :
4,000,000
T
counter =
F
osc
Thus , the counter will operate with a 1 second timebase when a
4MHz oscillator is used. For accurate frequency measurement,a
crystal oscillator is recommended. The frequency counter can
automatically or manually select the proper range. Autorange
operation extends over five decades from 1 Hz to 39.99MHz.
Range
Full Scale
FR1
FR2
FR3
FR4
FR5
3.999 KHZ
39.99 KHZ
399.9 KHZ
3.999 MHZ
39.99 MHZ


同様の部品番号 - ES51977

メーカー部品番号データシート部品情報
logo
Cyrustek corporation
ES51977 CYRUSTEK-ES51977 Datasheet
270Kb / 21P
   3 3/4 AUTO EASY
More results

同様の説明 - ES51977

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Microchip Technology
TC818A MICROCHIP-TC818A Datasheet
583Kb / 24P
   Auto-Ranging Analog-to-Digital Converter with 3-1/2 Digit Display
2002
logo
Texas Instruments
MSC1211 TI1-MSC1211_07 Datasheet
1Mb / 111P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
OCTOBER 2007
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
OPA626 TI1-OPA626 Datasheet
2Mb / 39P
[Old version datasheet]   Analog-to-Digital Converter (ADC) Drivers
logo
Analog Devices
ADAU1979 AD-ADAU1979 Datasheet
1Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Analog Devices
ADAU1978 AD-ADAU1978 Datasheet
2Mb / 44P
   Quad Analog-to-Digital Converter (ADC)
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com