データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM3502-A2 データシート(PDF) 11 Page - SamHop Microelectronics Corp.

部品番号 SM3502-A2
部品情報  FAN CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM3502-A2 データシート(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button SM3502-A2 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM3502-A2 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM3502-A2 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM3502-A2 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM3502-A2 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM3502-A2 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM3502-A2 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM3502-A2 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM3502-A2 Datasheet HTML 12Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test conditions
Ratings
Unit
Supply Voltage
VDD-VSS
Input Voltage
Output Voltage
Maximum Power
Consumption
Operating Temperature
Storage Temperature
Vi-VSS
Vo-VSS
Pa
Topr
Tstg
VDD-VSS=5V
-0.3~6
VSS-0.3~VDD+0.3
-40~125
-10~70
500
V
C
mW
V
V
C
VSS-0.3~VDD+0.3
Page 11
V.1.0
SM3502 POWER SUPPLY APPLICATION CIRCUIT
1A
47
/1W
110V AC INPUT
100K/1W
3.3uF/250V
1N4004
1N4004
220uF
16V
47
/ 0.25W
47
/ 0.25W
5.1V
0.5W
470uF
16V
VSS/-5.1V
GND
1A
180
/ 1W
220V AC INPUT
200K / 1W
1.2uF / 400V
1N4004
1N4004
220uF
16V
47
/ 0.25W
47
/ 0.25W
5.1V
0.5W
470uF
16V
VSS/-5.1V
GND
180
/ 1W
SM3502
SAMHOP Microelectronics Corp.
三合微科股份有限公司
FAN CONTROLLER


同様の部品番号 - SM3502-A2

メーカー部品番号データシート部品情報
logo
Dc Components
SM350 DCCOM-SM350 Datasheet
389Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
SamHop Microelectronics...
SM3501 SAMHOP-SM3501 Datasheet
78Kb / 12P
   FAN CONTROLLER
SM3501AX SAMHOP-SM3501AX Datasheet
78Kb / 12P
   FAN CONTROLLER
SM3501BX SAMHOP-SM3501BX Datasheet
78Kb / 12P
   FAN CONTROLLER
logo
Sharp Corporation
SM3503 SHARP-SM3503 Datasheet
41Kb / 3P
   4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results

同様の説明 - SM3502-A2

メーカー部品番号データシート部品情報
logo
Princeton Technology Co...
PT2125 PTC-PT2125 Datasheet
253Kb / 5P
   FAN CONTROLLER?
logo
List of Unclassifed Man...
SD308 ETC-SD308 Datasheet
2Mb / 7P
   Fan Controller
SD7005 ETC-SD7005 Datasheet
1Mb / 7P
   FAN CONTROLLER
SD306 ETC-SD306 Datasheet
1Mb / 7P
   FAN CONTROLLER
logo
Princeton Technology Co...
PT2126 PTC-PT2126 Datasheet
167Kb / 4P
   FAN CONTROLLER?
logo
SamHop Microelectronics...
SM3501 SAMHOP-SM3501 Datasheet
78Kb / 12P
   FAN CONTROLLER
logo
Princeton Technology Co...
PT2124 PTC-PT2124 Datasheet
496Kb / 8P
   FAN CONTROLLER
logo
Cypress Semiconductor
CG6457AM CYPRESS-CG6457AM Datasheet
287Kb / 25P
   FAN Controller
logo
Murata Power Solutions ...
SP1590 MURATA-PS-SP1590 Datasheet
79Kb / 1P
   Fan Speed Controller
logo
Princeton Technology Co...
PT2127A PTC-PT2127A Datasheet
372Kb / 4P
   Fan Controller IC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com