データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM5221 データシート(PDF) 11 Page - SamHop Microelectronics Corp.

部品番号 SM5221
部品情報  32 KEYS ENCODER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SAMHOP [SamHop Microelectronics Corp.]
ホームページ  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM5221 データシート(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button SM5221 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM5221 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM5221 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM5221 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM5221 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM5221 Datasheet HTML 12Page - SamHop Microelectronics Corp. SM5221 Datasheet HTML 13Page - SamHop Microelectronics Corp. SM5221 Datasheet HTML 14Page - SamHop Microelectronics Corp. SM5221 Datasheet HTML 15Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DOUBLE KEY OPERATION
When more than two keys except K21 + K22, K21 +K23 and K21 +K24 are depressed at the
same time, the transmission output stops.
Double key operation is useful for tape deck recording operation.
Double key operation form are following.
(d) No operation
Page 11
V.2.0 Mar 8,2002
(b) No operation
(c) No operation
(a) Operation
KEY
K21 + K22
K21 + K23
K21 + K24
D0
1
0
1
D1
0
1
1
D2
1
1
1
D3
0
0
0
D4
1
1
1
D5
1
1
1
D7
0/1
0/1
0/1
D6
0
0
0
K21 Transmission
D5+K22 to 24 Transmission
K21
t > 126 ms
push
K22 to K24
push
K21
K21 Transmission
No Transmission
36 ms < t < 126 ms
K22 to K24
K21
No transmission
-36 ms < t < 36 ms
K22 to K24
K21
K22 to K24
t > 126 ms
K22 to 24 Transmission
No Transmission
SM5221-001/002
32 KEYS ENCODER
SAMHOP Microelectronics Corp.
三合微科股份有限公司


同様の部品番号 - SM5221

メーカー部品番号データシート部品情報
logo
Silicon Microstructures...
SM5221 SMI-SM5221 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221BBES100000 SMI-SM5221BBES100000 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221BBET100000 SMI-SM5221BBET100000 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221BCES100000 SMI-SM5221BCES100000 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
SM5221BCET100000 SMI-SM5221BCET100000 Datasheet
1Mb / 11P
   Gauge & Differential Pressure Sensors
More results

同様の説明 - SM5221

メーカー部品番号データシート部品情報
logo
SamHop Microelectronics...
SM5025 SAMHOP-SM5025 Datasheet
61Kb / 1P
   64 KEYS ENCODER
logo
Microchip Technology
HCS365 MICROCHIP-HCS365_11 Datasheet
730Kb / 40P
   KEELOQ짰 Code Hopping Encoder Crypt keys are read protected
2011
logo
ABCircuits
KBDSER132 ABCIRCUITS-KBDSER132 Datasheet
132Kb / 9P
   Serial output keyboard encoder for up to 132 keys
KBDP64 ABCIRCUITS-KBDP64 Datasheet
86Kb / 7P
   Parallel output keyboard encoder for up to 64 keys
February 2013
logo
WAGO Kontakttechnik Gmb...
750-637 WAGO-750-637 Datasheet
570Kb / 12P
   Incremental encoder interface; RS-422; 32 bits
logo
List of Unclassifed Man...
4411 ETC2-4411 Datasheet
26Kb / 1P
   Hex Keys
logo
EDAC, All Rights Reserv...
307-240-338 EDAC-307-240-338 Datasheet
33Kb / 1P
   Polarizing Keys Series Edgeboard Connector Polarizing Keys
342-240-318 EDAC-342-240-318 Datasheet
38Kb / 1P
   Polarizing Keys Series,Edgeboard Connector Polarizing Keys
345-240-318 EDAC-345-240-318 Datasheet
28Kb / 1P
   Polarizing Keys Series,Edgeboard Connector Polarizing Keys
345-240-328 EDAC-345-240-328 Datasheet
32Kb / 1P
   Polarizing Keys Series,Edgeboard Connector Polarizing Keys
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com