データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MJE5851 データシート(PDF) 5 Page - ON Semiconductor

部品番号 MJE5851
部品情報  PNP SILICON POWER TRANSISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ONSEMI [ON Semiconductor]
ホームページ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJE5851 データシート(HTML) 5 Page - ON Semiconductor

  MJE5851 Datasheet HTML 1Page - ON Semiconductor MJE5851 Datasheet HTML 2Page - ON Semiconductor MJE5851 Datasheet HTML 3Page - ON Semiconductor MJE5851 Datasheet HTML 4Page - ON Semiconductor MJE5851 Datasheet HTML 5Page - ON Semiconductor MJE5851 Datasheet HTML 6Page - ON Semiconductor MJE5851 Datasheet HTML 7Page - ON Semiconductor MJE5851 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MJE5850 MJE5851 MJE5852
5
Motorola Bipolar Power Transistor Device Data
SWITCHING TIMES NOTE
In resistive switching circuits, rise, fall, and storage times
have been defined and apply to both current and voltage
waveforms since they are in phase. However, for inductive
loads which are common to SWITCHMODE power supplies
and hammer drivers, current and voltage waveforms are not
in phase. Therefore, separate measurements must be made
on each waveform to determine the total switching time. For
this reason, the following new terms have been defined.
tsv = Voltage Storage Time, 90% IB1 to 10% VCEM
trv = Voltage Rise Time, 10–90% VCEM
tfi = Current Fall Time, 90–10% ICM
tti = Current Tail, 10–2% ICM
tc = Crossover Time,10% VCEM to 10% ICM
An enlarged portion of the inductive switching waveform is
shown in Figure 7 to aid on the visual identity of these terms.
For the designer, there is minimal switching loss during
storage time and the predominant switching power losses
occur during the crossover interval and can be obtained us-
ing the standard equation from AN–222A:
PSWT = 1/2 VCCIC(tc)f
In general, trv + tfi ] tc. However, at lower test currents this
relationship may not be valid.
As is common with most switching transistors, resistive
switching is specified at 25
°C and has become a benchmark
for designers. However, for designers of high frequency con-
verter circuits, the user oriented specifications which make
this a “SWITCHMODE” transistor are the inductive switching
speeds (tc and tsv) which are guaranteed at 100_C.
t, TIME (ms)
1
0.01
0.01
0.7
0.2
0.1
0.05
0.02
0.05
1
2
5
10
20
50
100
200
500
Z
θJC(t) = r(t) RθJC
R
θJC = 1.25°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) Z
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.01
SINGLE PULSE
0.1
0.1
0.5
0.2
1 k
0.5
0.3
0.07
0.03
0.02
IC, COLLECTOR CURRENT (AMPS)
tr
Figure 9. Turn–On Switching Times
Figure 10. Turn–Off Switching Time
0.1
0.3
0.2
10
0.4
Figure 11. Typical Thermal Response [Z
θJC(t)]
0.02
0.01
1.0
0.7
0.3
0.2
0.5
0.1
IC, COLLECTOR CURRENT (AMPS)
0.7
3.0
10
2.0
5.0
0.1
1.0
7.0
VCC = 250 V
IC/IB = 4
TJ = 25°C
0.5
0.03
0.05
0.07
0.7
VCC = 250 V
IC/IB = 4
VBE(off) = 5 V
TJ = 25°C
0.3
0.2
0.7
4.0
10
0.1
2.0
7.0
0.5
0.3
1.0
td
ts
tf
0.02
0.05


同様の部品番号 - MJE5851

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MJE5851 MOTOROLA-MJE5851 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5851 ONSEMI-MJE5851 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
MJE5851 NJSEMI-MJE5851 Datasheet
114Kb / 3P
   SWITCHMODE Series PNP Silicon Power Transistors
logo
ON Semiconductor
MJE5851G ONSEMI-MJE5851G Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
MJE5851G ONSEMI-MJE5851G Datasheet
104Kb / 8P
   Switch-mode Series PNP Silicon Power Transistors
January, 2015 ??Rev. 7
More results

同様の説明 - MJE5851

メーカー部品番号データシート部品情報
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com