データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM29LV065MU120FI データシート(PDF) 1 Page - Advanced Micro Devices

部品番号 AM29LV065MU120FI
部品情報  64 Megabit (8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMD [Advanced Micro Devices]
ホームページ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29LV065MU120FI データシート(HTML) 1 Page - Advanced Micro Devices

  AM29LV065MU120FI Datasheet HTML 1Page - Advanced Micro Devices AM29LV065MU120FI Datasheet HTML 2Page - Advanced Micro Devices AM29LV065MU120FI Datasheet HTML 3Page - Advanced Micro Devices AM29LV065MU120FI Datasheet HTML 4Page - Advanced Micro Devices AM29LV065MU120FI Datasheet HTML 5Page - Advanced Micro Devices AM29LV065MU120FI Datasheet HTML 6Page - Advanced Micro Devices AM29LV065MU120FI Datasheet HTML 7Page - Advanced Micro Devices AM29LV065MU120FI Datasheet HTML 8Page - Advanced Micro Devices AM29LV065MU120FI Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ADVANCE INFORMATION
This Data Sheet states AMD’s current technical specifications regarding the Products described herein. This Data
Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 25262
Rev: A Amendment/+1
Issue Date: October 3, 2001
Refer to AMD’s Website (www.amd.com) for the latest information.
Am29LV065M
64 Megabit (8 M x 8-Bit) MirrorBit
 3.0 Volt-only
Uniform Sector Flash Memory with VersatileI/O
 Control
DISTINCTIVE CHARACTERISTICS
ARCHITECTURAL ADVANTAGES
s Single power supply operation
— 3 volt read, erase, and program operations
s Enhanced VersatileI/O
 control
— Device generates data output voltages and tolerates
data input voltages as determined by the voltage on
the V
IO pin; operates from 1.65 to 3.6 V
s Manufactured on 0.23 µm MirrorBit process
technology
s SecSi
 (Secured Silicon) Sector region
— 256-byte sector for permanent, secure identification
through an 16-byte random Electronic Serial Number,
accessible through a command sequence
— May be programmed and locked at the factory or by
the customer
s Flexible sector architecture
— One hundred twenty-eight 64 Kbyte sectors
s Compatibility with JEDEC standards
— Provides pinout and software compatibility for
single-power supply flash, and superior inadvertent
write protection
s Minimum 100,000 erase cycle guarantee per sector
s 20-year data retention at 125
°C
PERFORMANCE CHARACTERISTICS
s High performance
— 90 ns access time
— 25 ns page read times
— 0.4 s typical sector erase time
— 3.0 µs typical write buffer byte programming time:
32-byte write buffer reduces overall programming
time for multiple-byte updates
— 8-byte read page buffer
— 32-byte write buffer
s Low power consumption (typical values at 3.0 V,
5MHz)
— 30 mA typical active read current
— 50 mA typical erase/program current
— 1 µA typical standby mode current
s Package options
— 48-pin TSOP
— 63-ball FBGA
SOFTWARE & HARDWARE FEATURES
s Software features
— Program Suspend & Resume: read other sectors
before programming operation is completed
— Erase Suspend & Resume: read/program other
sectors before an erase operation is completed
— Data# polling & toggle bits provide status
— Unlock Bypass Program command reduces overall
multiple-byte programming time
— CFI (Common Flash Interface) compliant: allows host
system to identify and accommodate multiple flash
devices
s Hardware features
— Sector Group Protection: hardware method of
preventing write operations within a sector group
— Temporary Sector Unprotect: V
ID-level method of
changing code in locked sectors
— ACC (high voltage) pin accelerates programming
time for higher throughput during system production
— Hardware reset pin (RESET#) resets device
— Ready/Busy# pin (RY/BY#) detects program or erase
cycle completion


同様の部品番号 - AM29LV065MU120FI

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM29LV065MU120FI AMD-AM29LV065MU120FI Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results

同様の説明 - AM29LV065MU120FI

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM29LV065MU AMD-AM29LV065MU Datasheet
1Mb / 62P
   64 Megabit (8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV640MH SPANSION-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
logo
Advanced Micro Devices
AM29LV640MH AMD-AM29LV640MH Datasheet
1Mb / 62P
   64 Megabit (4 M x 16-Bit/8 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV033MU SPANSION-AM29LV033MU_06 Datasheet
1Mb / 61P
   32 Megabit (4 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
Advanced Micro Devices
AM29LV033MU AMD-AM29LV033MU Datasheet
1Mb / 56P
   32 Megabit (4 M x 8-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV641MH AMD-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_02 Datasheet
1Mb / 54P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
AM29LV640MU AMD-AM29LV640MU_07 Datasheet
1Mb / 59P
   64 Megabit (4 M x 16-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
logo
SPANSION
AM29LV641MH SPANSION-AM29LV641MH Datasheet
1Mb / 60P
   64 Megabit (4 M x 16-Bit) MirrorBit 3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O Control
AM29LV128ML113REI SPANSION-AM29LV128ML113REI Datasheet
1Mb / 66P
   128 Megabit (8 M x 16-Bit/16 M x 8-Bit) MirrorBit??3.0 Volt-only Uniform Sector Flash Memory with VersatileI/O??Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com