データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

TEA2095T データシート(PDF) 10 Page - NXP Semiconductors

部品番号. TEA2095T
部品情報  GreenChip dual synchronous rectifier controller
ダウンロード  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo 

TEA2095T Datasheet(HTML) 10 Page - NXP Semiconductors

Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
NXP Semiconductors
TEA2095T
GreenChip dual synchronous rectifier controller
TEA2095T
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.1 — 10 April 2020
10 / 19
9 Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Voltages
VCC
supply voltage
−0.4 +38
V
Vsense(D)A
drain sense voltage A
DC
−0.8 +120 V
Vsense(D)B
drain sense voltage B
DC
−0.8 +120 V
Vsense(S)A
source sense voltage A
DC
−0.4 +0.4
V
Vsense(S)B
source sense voltage B
DC
−0.4 +0.4
V
VGDA
voltage on pin GDA
DC
[1] −0.4 +12.0 V
VGDB
voltage on pin GDB
DC
[1] −0.4 +12.0 V
General
fmax
maximum frequency
if not limited by Ptot
-
1
MHz
Tstg
storage temperature
−55
+150 °C
Tj
junction temperature
−40
+150 °C
Electrostatic discharge (ESD)
human body model (HBM)
[2] -
2000 V
VESD
electrostatic discharge
voltage
charged device model
(CDM)
[3] -
500
V
[1]
Output pin; not to be voltage driven
[2]
Human body model: Equivalent to discharging a 100 pF capacitor through a 1.5 kΩ series resistor.
[3]
Charged device model: Equivalent to charging the IC and discharging each pin over a 1 Ω resistor.
10 Recommended operating conditions
Table 5. Recommended operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
4.75
38
V
Tj
junction temperature
−40
+125
°C
11 Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from
junction to ambient
SO8 package; PCB 1 layer;
35 μm Cu; 60 mm x 125 mm
135
K/W
Rth(j-c)
thermal resistance from
junction to case
SO8 package
50
K/W


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn