データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PCA9450 データシート(PDF) 77 Page - NXP Semiconductors

部品番号 PCA9450
部品情報  Power management IC for i.MX 8M application processor family
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9450 データシート(HTML) 77 Page - NXP Semiconductors

Back Button PCA9450 Datasheet HTML 73Page - NXP Semiconductors PCA9450 Datasheet HTML 74Page - NXP Semiconductors PCA9450 Datasheet HTML 75Page - NXP Semiconductors PCA9450 Datasheet HTML 76Page - NXP Semiconductors PCA9450 Datasheet HTML 77Page - NXP Semiconductors PCA9450 Datasheet HTML 78Page - NXP Semiconductors PCA9450 Datasheet HTML 79Page - NXP Semiconductors PCA9450 Datasheet HTML 80Page - NXP Semiconductors PCA9450 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 96 page
background image
NXP Semiconductors
PCA9450
Power management IC for i.MX 8M application processor family
PCA9450
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 1.0 — 19 November 2019
77 / 96
13.10 LDO1
Table 82. LDO1
Unless otherwise specified, VSYS = 3.8 V, VINBx = 3.8 V, VINL1 = 3.8 V, VLDO1 = 1.8 V, CINL1 = 4.7 μF, COUT = 1 μF, Tamb=
-40 °C ~ +105 °C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input voltage range
INL1 pin
2.85
5.5
V
IQ
Quiescent current
Regulator enabled, No load
2
μA
IOUT_MAX
Maximum Output DC
Current
VIN > 2.85 V, VLDO1 = 1.8 V
10
mA
ILIMIT
Short Current Limit
Output shorted to GND
30
60
mA
VDO
Dropout Voltage
IOUT = IOUT_MAX, VIN = 3.2 V,
L1_OUT[2:0]= 0x7, 3.3 V
35
60
mV
Nominal output voltage I2C Programmable, 100 mV step 1.6
3.3
V
Default voltage
1.8
V
VLDO1
DC accuracy
VLDO1 = 1.8 V, ILoad = 5 mA
-3
3
%
VNOISE[1]
Output noise
f = 10 Hz to 10 kHz, IOUT = 10 %
of IMAX, VLDO1 = 1.8 V
400
μV
ΔVOUT(ΔVINL)
DC Line regulation
VLDO1 +0.3 V < VIN < 5.5 V,
IOUT(LDO1) = 10 % of IOUT_MAX
0.2
0.5
%/V
ΔVOUT(ΔIOUT)
DC Load regulation
VIN = VLDO1 +0.3 V to 5.5 V,
0 mA < IOUT < IOUT_MAX
0.5
1
%
ΔVOUT(ΔVINL)[1] Transient Line
Response
VLDO1 +0.3 V < VIN < 5.5 V,
IOUT(LDO1) = 10 % of IOUT_MAX, tr =
10 μs
0.5
%/V
ΔVOUT(ΔIOUT)[1] Transient Load
Response
VIN = VLDO1 +0.3 V to 5.5 V,
1 mA < IOUT < IOUT_MAX , tr =
10 μs, VLDO1 = 1.8 V
-3
3
%
PSRR[1]
Power Supply Rejection
ratio
f = 10 Hz to 10 kHz, IOUT = 10 %
of IOUT_MAX
45
dB
Vsoft_strup[1]
Soft-start slew rate
IOUT = 0 mA, 10 % to 90 % of
VLDO1
15
mV/μs
Vov_srtup[1]
Overshoot at startup
IOUT = 0 mA
10
mV
tEN[1]
Enable time
EN rising to 90 % of output
voltage
150
μs
POK
Output Power good
Percentage of VLDO1 configuration 75
85
92
%
RDIS
Active Discharge
Resistance
100
150
Ω
COUT[1]
Output capacitance
Minimum nominal capacitance
1
μF
[1]
Guaranteed by design


同様の部品番号 - PCA9450

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PCA9450 NXP-PCA9450 Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
PCA9450 NXP-PCA9450 Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AA NXP-PCA9450AA Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AAHN NXP-PCA9450AAHN Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
PCA9450AAHNY NXP-PCA9450AAHNY Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
More results

同様の説明 - PCA9450

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
PCA9450 NXP-PCA9450_V01 Datasheet
1Mb / 96P
   Power management IC for i.MX 8M application processor family
Rev. 2.2 - 15 September 2021
logo
Texas Instruments
TPS6521825 TI1-TPS6521825 Datasheet
1Mb / 107P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
TPS6521825 TI1-TPS6521825_V01 Datasheet
1Mb / 109P
[Old version datasheet]   TPS6521825 Power Management IC (PMIC) for NXP i.MX 8M Mini
logo
NXP Semiconductors
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
logo
Analog Devices
ADP5140 AD-ADP5140 Datasheet
3Mb / 128P
   Power Management IC for Automotive Application
Rev. 0
logo
NXP Semiconductors
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com