データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

JN5189 データシート(PDF) 89 Page - NXP Semiconductors

部品番号 JN5189
部品情報  IEEE 802.15.4 low power wireless MCU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

JN5189 データシート(HTML) 89 Page - NXP Semiconductors

Back Button JN5189 Datasheet HTML 84Page - NXP Semiconductors JN5189 Datasheet HTML 85Page - NXP Semiconductors JN5189 Datasheet HTML 86Page - NXP Semiconductors JN5189 Datasheet HTML 87Page - NXP Semiconductors JN5189 Datasheet HTML 88Page - NXP Semiconductors JN5189 Datasheet HTML 89Page - NXP Semiconductors JN5189 Datasheet HTML 90Page - NXP Semiconductors JN5189 Datasheet HTML 91Page - NXP Semiconductors JN5189 Datasheet HTML 92Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
JN5189
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1.2 — June 2020
89 of 92
NXP Semiconductors
IEEE 802.15.4 low power wireless MCU
JN5189(T)/JN5188(T)
21. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . .4
Table 2.
Ordering information details . . . . . . . . . . . . . . . .4
Table 3.
Marking codes . . . . . . . . . . . . . . . . . . . . . . . . . .4
Table 4.
Pin descriptions . . . . . . . . . . . . . . . . . . . . . . . . .6
Table 5.
Pin descriptions . . . . . . . . . . . . . . . . . . . . . . . .13
Table 6.
Pin properties . . . . . . . . . . . . . . . . . . . . . . . . . .19
Table 7:
Abbreviation used in the Table 6. . . . . . . . . . . .21
Table 8.
Power mode wake-up sources . . . . . . . . . . . . .30
Table 9.
Allowed timer usage in different power modes .32
Table 10. Component descriptions about Figure 10. . . . .50
Table 11. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . .50
Table 12. Operating conditions . . . . . . . . . . . . . . . . . . . .51
Table 13. Thermal characteristics . . . . . . . . . . . . . . . . . .51
Table 14. Typical current consumption in Low-power mode
characteristics . . . . . . . . . . . . . . . . . . . . . . . . .52
Table 15. Typical current consumption in Active mode
characteristics . . . . . . . . . . . . . . . . . . . . . . . . .52
Table 16. Typical CPU current consumption characteristics
53
Table 17. IO characteristics . . . . . . . . . . . . . . . . . . . . . . .53
Table 18. Externally applied reset . . . . . . . . . . . . . . . . . .55
Table 19. Analog to Digital Converters . . . . . . . . . . . . . .56
Table 20. Comparator . . . . . . . . . . . . . . . . . . . . . . . . . . .57
Table 21. 32 kHz free running oscillator . . . . . . . . . . . . .57
Table 22. 1 MHz free running oscillator . . . . . . . . . . . . . .57
Table 23. 32 kHz crystal oscillator . . . . . . . . . . . . . . . . . .57
Table 24. 32 MHz crystal oscillator . . . . . . . . . . . . . . . . . 58
Table 25. High-speed free running oscillator . . . . . . . . . 58
Table 26. Temperature sensor . . . . . . . . . . . . . . . . . . . . 58
Table 27. Flash memory . . . . . . . . . . . . . . . . . . . . . . . . . 58
Table 28. Dynamic characteristic: I/O pins[1] . . . . . . . . . . 59
Table 29. Wake-up timing . . . . . . . . . . . . . . . . . . . . . . . . 60
Table 30. SPI master timing. . . . . . . . . . . . . . . . . . . . . . . 60
Table 31. SPI slave timing . . . . . . . . . . . . . . . . . . . . . . . . 61
Table 32. USART master timing (in synchronous mode) . 63
Table 33. USART slave timing (in synchronous mode) . . 63
Table 34. SPIFI timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 64
Table 35. PWM timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Table 36. DMIC timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 65
Table 37. Clock of ISO7816 . . . . . . . . . . . . . . . . . . . . . . . 66
Table 38. Input output of ISO7816 . . . . . . . . . . . . . . . . . . 66
Table 39. I2C timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Table 40. GPIO pin timing . . . . . . . . . . . . . . . . . . . . . . . . 68
Table 41. RF port characteristics . . . . . . . . . . . . . . . . . . 68
Table 42. Radio transceiver characteristics: +25 °C . . . . 69
Table 43. Radio transceiver characteristics: -40 °C . . . . 71
Table 44. Radio transceiver characteristics: +125 °C . . . 74
Table 45. SnPb eutectic process (from J-STD-020D) . . . 81
Table 46. Lead-free process (from J-STD-020D) . . . . . . 81
Table 47. Abbreviations . . . . . . . . . . . . . . . . . . . . . . . . . 83
Table 48. Revision history . . . . . . . . . . . . . . . . . . . . . . . . 86
22. Figures
Fig 1.
High level hardware block diagram . . . . . . . . . . . .5
Fig 2.
Pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . .6
Fig 3.
Pin configuration . . . . . . . . . . . . . . . . . . . . . . . . .13
Fig 4.
System memory map . . . . . . . . . . . . . . . . . . . . . .24
Fig 5.
Radio architecture . . . . . . . . . . . . . . . . . . . . . . . .40
Fig 6.
Modem system diagram. . . . . . . . . . . . . . . . . . . .42
Fig 7.
Baseband processor system diagram. . . . . . . . .43
Fig 8.
Simple antenna diversity implementation using
external RF switch . . . . . . . . . . . . . . . . . . . . . . . .45
Fig 9.
Antenna diversity ADO and ADE signals for TX with
acknowledgment . . . . . . . . . . . . . . . . . . . . . . . . .45
Fig 10. Application diagram – battery powered solution .49
Fig 11. Reset signal timing. . . . . . . . . . . . . . . . . . . . . . . .56
Fig 12. Output timing measurement condition . . . . . . . . .60
Fig 13. SPI master interface timings . . . . . . . . . . . . . . . .62
Fig 14. SPI slave interface timings. . . . . . . . . . . . . . . . . .63
Fig 15. USART interface timings . . . . . . . . . . . . . . . . . . .64
Fig 16. SPIFI interface timings. . . . . . . . . . . . . . . . . . . . .65
Fig 17. DMIC interface timings. . . . . . . . . . . . . . . . . . . . .66
Fig 18. I2C interface timings. . . . . . . . . . . . . . . . . . . . . . .68
Fig 19. Package outline SOT618-1 HVQFN40 . . . . . . . .79
Fig 20. Temperature profiles for large and small
components . . . . . . . . . . . . . . . . . . . . . . . . . . . . .82


同様の部品番号 - JN5189

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
JN5142-001 NXP-JN5142-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5142-J01 NXP-JN5142-J01 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001 NXP-JN5148-001 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M00 NXP-JN5148-001-M00 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
JN5148-001-M03 NXP-JN5148-001-M03 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

同様の説明 - JN5189

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
NXP Semiconductors
K32W061 NXP-K32W061 Datasheet
1Mb / 112P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
K32W041A NXP-K32W041A Datasheet
1Mb / 116P
   IEEE 802.15.4 and Bluetooth LE 5.0 wireless microcontroller
Rev. 1.2 ??April 2022
logo
TriQuint Semiconductor
GP502 TRIQUINT-GP502 Datasheet
193Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
   ZigBee/IEEE 802.15.4-Transceiver
logo
TriQuint Semiconductor
GP501 TRIQUINT-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Qorvo, Inc
GP501 QORVO-GP501 Datasheet
194Kb / 3P
   IEEE 802.15.4 Communications Controller
GP502 QORVO-GP502 Datasheet
137Kb / 3P
   IEEE 802.15.4 Communications Controller
logo
Panasonic Semiconductor
PAN4620 PANASONIC-PAN4620 Datasheet
1Mb / 61P
   IEEE 802.15.4 and Bluetooth Low Energy Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com