データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IMX8MNIEC データシート(PDF) 35 Page - NXP Semiconductors

部品番号 IMX8MNIEC
部品情報  i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MNIEC データシート(HTML) 35 Page - NXP Semiconductors

Back Button IMX8MNIEC Datasheet HTML 31Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 32Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 33Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 34Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 35Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 36Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 37Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 38Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 89 page
background image
Electrical characteristics
i.MX 8M Nano Applications Processor Datasheet for Industrial Products, Rev. 0.1, 03/2020
NXP Semiconductors
35
3.9.1.1
ECSPI Master mode timing
Figure 10 depicts the timing of ECSPI in master mode. Table 29 lists the ECSPI master mode timing
characteristics.
Figure 10. ECSPI Master mode timing diagram
Table 29. ECSPI Master mode timing parameters
ID
Parameter
Symbol
Min
Max Unit
CS1
ECSPIx_SCLK Cycle Time–Read
ECSPIx_SCLK Cycle Time–Write
tclk
43
15
—ns
CS2
ECSPIx_SCLK High or Low Time–Read
ECSPIx_SCLK High or Low Time–Write
tSW
21.5
7
—ns
CS3
ECSPIx_SCLK Rise or Fall1
1 See specific I/O AC parameters Section 3.6, I/O AC parameters”.
tRISE/FALL
——
ns
CS4
ECSPIx_SS_B pulse width
tCSLH
Half ECSPIx_SCLK period
ns
CS5
ECSPIx_SS_B Lead Time (CS setup time)
tSCS
Half ECSPIx_SCLK period - 4
ns
CS6
ECSPIx_SS_B Lag Time (CS hold time)
tHCS
Half ECSPIx_SCLK period - 2
ns
CS7
ECSPIx_MOSI Propagation Delay (CLOAD =20pF)
tPDmosi
-1
1
ns
CS8
ECSPIx_MISO Setup Time
tSmiso
18
ns
CS9
ECSPIx_MISO Hold Time
tHmiso
0—
ns
CS10 RDY to ECSPIx_SS_B Time2
2 SPI_RDY is sampled internally by ipg_clk and is asynchronous to all other CSPI signals.
tSDRY
5—
ns
CS7
CS2
CS2
CS4
CS6
CS5
CS8
CS9
ECSPIx_SCLK
ECSPIx_SS_B
ECSPIx_MOSI
ECSPIx_MISO
ECSPIx_RDY_B
CS10
CS3
CS3
CS1


同様の部品番号 - IMX8MNIEC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
More results

同様の説明 - IMX8MNIEC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8MMIEC NXP-IMX8MMIEC Datasheet
994Kb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 1, 07/2020
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
   i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
IMX8ULPIEC NXP-IMX8ULPIEC Datasheet
1Mb / 100P
   i.MX 8ULP Applications Processor-Industrial Products
Rev. 1 - 09/2023
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com