データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IMX8MNIEC データシート(PDF) 1 Page - NXP Semiconductors

部品番号 IMX8MNIEC
部品情報  i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MNIEC データシート(HTML) 1 Page - NXP Semiconductors

  IMX8MNIEC Datasheet HTML 1Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 2Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 3Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 4Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 5Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 6Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 7Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 8Page - NXP Semiconductors IMX8MNIEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 89 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMX8MNIEC
Rev. 0.1, 03/2020
Ordering Information
See Table 2 on page 6
NXP reserves the right to change the production detail specifications as may be required
to permit improvements in the design of its products.
MIMX8MN6CVTIZAA
MIMX8MN5CVTIZAA
MIMX8MN4CVTIZAA
MIMX8MN3CVTIZAA
MIMX8MN2CVTIZAA
MIMX8MN1CVTIZAA
Package Information
Plastic Package
FCBGA 14 x 14 mm, 0.5 mm pitch
1
i.MX 8M Nano introduction
The i.MX 8M Nano application processor represents
NXP’s latest graphics and audio experience combining
state-of-the-art
media-specific
features
with
high-performance processing while optimized for lowest
power consumption.
The i.MX 8M Nano family of processors features
advanced implementation of a quad Arm® Cor-
tex®-A53 core, which operates at speeds of up to
1.4 GHz. A general purpose Cortex®-M7 running up to
600 MHz core processor is for real-time and low-power
processing.
The i.MX 8M Nano family of processors provides addi-
tional computing resources and peripherals:
Advanced security modules for secure boot,
cipher acceleration and DRM support
A wide range of audio interfaces, including I2S,
AC 97, TDM, and S/PDIF
Large set of peripherals that are commonly used
in consumer/industrial market, including USB
and Ethernet
i.MX 8M Nano
Applications Processor
Datasheet for Industrial
Products
1.
i.MX 8M Nano introduction . . . . . . . . . . . . . . . . . . . . . . . 1
1.1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
1.2.
Ordering information . . . . . . . . . . . . . . . . . . . . . . . 6
2.
Modules list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.1.
Recommended connections for unused input/output
12
3.
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . 14
3.1.
Chip-level conditions . . . . . . . . . . . . . . . . . . . . . . 14
3.2.
Power supplies requirements and restrictions . . . 22
3.3.
PLL electrical characteristics . . . . . . . . . . . . . . . . 26
3.4.
On-chip oscillators . . . . . . . . . . . . . . . . . . . . . . . . 28
3.6.
I/O AC parameters . . . . . . . . . . . . . . . . . . . . . . . 29
3.7.
Output buffer impedance parameters . . . . . . . . . 31
3.8.
System modules timing . . . . . . . . . . . . . . . . . . . . 33
3.9.
External peripheral interface parameters . . . . . . 34
4.
Boot mode configuration . . . . . . . . . . . . . . . . . . . . . . . . 68
4.1.
Boot mode configuration pins . . . . . . . . . . . . . . . 68
4.2.
Boot device interface allocation . . . . . . . . . . . . . . 68
5.
Package information and contact assignments . . . . . . . 70
5.1.
14 x 14 mm package information . . . . . . . . . . . . 70
5.2.
DDR pin function list . . . . . . . . . . . . . . . . . . . . . . 85
6.
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 88


同様の部品番号 - IMX8MNIEC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
More results

同様の説明 - IMX8MNIEC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 0.1, 03/2020
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8MMIEC NXP-IMX8MMIEC Datasheet
994Kb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 1, 07/2020
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
   i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
IMX8ULPIEC NXP-IMX8ULPIEC Datasheet
1Mb / 100P
   i.MX 8ULP Applications Processor-Industrial Products
Rev. 1 - 09/2023
IMX8MMINIFS NXP-IMX8MMINIFS Datasheet
187Kb / 2P
   i.MX 8M Mini Applications Processor
IMX6SXIEC NXP-IMX6SXIEC Datasheet
4Mb / 205P
   i.MX 6SoloX Applications Processors for Industrial Products
Rev. 4, 11/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com