データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IMX8MNCEC データシート(PDF) 14 Page - NXP Semiconductors

部品番号 IMX8MNCEC
部品情報  i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8MNCEC データシート(HTML) 14 Page - NXP Semiconductors

Back Button IMX8MNCEC Datasheet HTML 10Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 11Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 12Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 13Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 14Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 15Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 16Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 17Page - NXP Semiconductors IMX8MNCEC Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 89 page
background image
i.MX 8M Nano Applications Processor Datasheet for Consumer Products, Rev. 0.1, 03/2020
14
NXP Semiconductors
Electrical characteristics
3
Electrical characteristics
This section provides the device and module-level electrical characteristics for the i.MX 8M Nano family
of processors.
3.1
Chip-level conditions
This section provides the device-level electrical characteristics for the IC. See Table 6 for a quick reference
to the individual tables and sections.
3.1.1
Absolute maximum ratings
CAUTION
Stresses beyond those listed under Table 7 may affect reliability or cause
permanent damage to the device. These are stress ratings only. Functional
operation of the device at these or any other conditions beyond those
indicated in the operating ranges or parameters tables is not implied.
Table 6. i.MX 8M Nano chip-level conditions
For these characteristics, …
Topic appears …
Absolute maximum ratings
on page 14
FCBGA package thermal resistance
on page 16
Operating ranges
on page 17
External clock sources
on page 18
Maximum supply currents
on page 19
Power modes
on page 20
Power supplies requirements and restrictions
on page 22
Table 7. Absolute maximum ratings
Parameter description
Symbol
Min
Max
Unit
Notes
Core supply voltages
VDD_ARM
VDD_SOC
-0.3
1.15
V
Power supply for GPU
VDD_GPU
-0.3
1.15
V
DDR PHY supply voltage
VDD_DRAM
-0.3
1.15
V
DDR I/O supply voltage
NVCC_DRAM
-0.3
1.575
V
DRAM PLL supply voltage
VDD_DRAM_PLL_0P8
-0.3
1.15
V
VDD_DRAM_PLL_1P8
-0.3
2.15
V
SNVS IO supply voltage
NVCC_SNVS_1P8
-0.3
2.15
V
VDD_SNVS supply voltage
VDD_SNVS_0V8
-0.3
0.95
V


同様の部品番号 - IMX8MNCEC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
IMX8MNCEC NXP-IMX8MNCEC Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
More results

同様の説明 - IMX8MNCEC

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
IMX8MNCEC NXP-IMX8MNCEC_V01 Datasheet
1Mb / 117P
   i.MX 8M Nano Applications Processor Datasheet for Consumer Products
Rev. 5, 09/2022
IMX8MMCEC NXP-IMX8MMCEC Datasheet
1Mb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Consumer Products
Rev. 1, 07/2020
IMX8MPCEC NXP-IMX8MPCEC Datasheet
1Mb / 111P
   i.MX 8M Plus Applications Processor Datasheet for Consumer Products
Rev. 0, 03/2021
IMX8MNIEC NXP-IMX8MNIEC Datasheet
1Mb / 89P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 0.1, 03/2020
IMX8MNIEC NXP-IMX8MNIEC_V01 Datasheet
1Mb / 114P
   i.MX 8M Nano Applications Processor Datasheet for Industrial Products
Rev. 5, 09/2022
IMX8MMIEC NXP-IMX8MMIEC_V01 Datasheet
2Mb / 96P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 2, 11/2022
IMX8MMIEC NXP-IMX8MMIEC Datasheet
994Kb / 92P
   i.MX 8M Mini Applications Processor Datasheet for Industrial Products
Rev. 1, 07/2020
IMX7ULPCEC NXP-IMX7ULPCEC Datasheet
2Mb / 118P
   i.MX 7ULP Applications Processor-Consumer Products
Rev. 0, 06/2019
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
IMX7ULPCECB2 NXP-IMX7ULPCECB2 Datasheet
2Mb / 122P
   i.MX 7ULP Applications Processor-Consumer
Rev. 0, 09/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com