データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

HM5563A データシート(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

部品番号. HM5563A
部品情報  One Cell Lithium-ion/Polymer Battery Protection IC
ダウンロード  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
ホームページ  http://www.hmsemi.com/
Logo 

HM5563A Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
One Cell Lithium-ion/Polymer Battery Protection IC
GENERAL DESCRIPTION
The HM5563A product is a high
integration solution for lithium-
ion/polymer battery protection.
HM5563A contains advanced power
MOSFET, high-accuracy voltage
detection circuits and delay circuits.
HM5563A is put into an ultra-small
DFN2X2-6 package and only one
external component makes it an ideal
solution in limited space of battery pack.
HM5563A has all the protection functions
required in the battery application including
overcharging, overdischarging, overcurrent
and load short circuiting protection etc. The
accurate overcharging detection voltage
ensures safe and full utilization charging.
The low standby current drains little current
from the cell while in storage.
The device is not only targeted for digital
cellular phones, but also for any other
Li-Ion and Li-Poly battery-powered
information appliances requiring long-
term battery life.
FEATURES
· Protection of Charger Reverse
Connection
· Protection of Battery Cell Reverse
Connection
· Integrate Advanced Power MOSFET
withEquivalent of 35mΩ RSS(ON)
· Ultra-small DFN2X2-6 Package
· Only One External Capacitor
Required
· Over-temperature Protection
· Overcharge Current Protection
· Two-step Overcurrent Detection:
-Overdischarge Current
-Load Short Circuiting
· Charger Detection Function
· 0V Battery Charging Function
- Delay Times are generated inside
· High-accuracy Voltage Detection
· Low Current Consumption
- Operation Mode: 2.8μ A typ.
- Power-down Mode: 1.5μ A typ.
· RoHS Compliant and Lead (Pb) Free
APPLICATIONS
One-Cell Lithium-ion Battery Pack
Lithium-Polymer Battery Pack
Figure 1. Typical Application Circuit
HM5563A


Html ページ

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn