データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

HM8116A データシート(PDF) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

部品番号. HM8116A
部品情報  Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
ダウンロード  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
ホームページ  http://www.hmsemi.com/
Logo 

HM8116A Datasheet(HTML) 10 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
Selecting the Input Capacitor
The input current to the step-down converter is discontinuous and therefore requires a capacitor to supply AC current
to the step-down converter while maintaining the DC input voltage. For a better performance, use ceramic capacitors
placed as close to VIN as possible and a 0.1µF input capacitor to filter out high frequency interference is
recommended. Capacitors with X5R and X7R ceramic dielectrics are recommended because they are stable with
temperature fluctuations.
The capacitors must also have a ripple current rating greater than the maximum input ripple current of the converter.
The input ripple current can be estimated with Equation:
��������������������������������=��������������������������������×���������������������������������������������������������×�1−��������������������������������������������������������
From the above equation, it can be concluded that the input ripple current reaches its maximum at VIN=2VOUTwhere
I������������������������=��������������������������������2.Forsimplification,chooseaninputcapacitorwithanRMScurrentratinggreaterthanhalfofthe
maximum load current.
The input capacitance value determines the input voltage ripple of the converter. If there is an input voltage ripple
requirement in the system, choose the input capacitor that meets the specification. The input voltage ripple can be
estimate with Equation:
∆������������������������= ��������������������������������
��������������������������������×������������������������×��������������������������������������������������������×�1−��������������������������������������������������������
Similarly,
when VIN=2VOUT, input voltage ripple reaches its maximum of
∆������������������������=14× ����������������������������������������������������������������×������������������������.
Selecting the Output Capacitor
An output capacitor is required to maintain the DC output voltage. The output voltage ripple can be estimated with
Equation:
∆��������������������������������= ����������������������������������������������������������������×��������×�1−���������������������������������������������������������×���������������������������������+ 1
8����������������������������������������������������������������
There are some differences between different types of capacitors. In the case of ceramic capacitors, the impedance
at the switching frequency is dominated by the capacitance. The output voltage ripple is mainly caused by the
capacitance. For simplification, the output voltage ripple can be estimated with Equation:
∆��������������������������������= ��������������������������������
8×��������������������������������2×��������×��������������������������������×�1−��������������������������������������������������������
A larger output capacitor can achieve a better load transient response, but the maximum output capacitor limitation
should also be considered in the design application. If the output capacitor value is too high, the output voltage will
not be able to reach the design value during the soft-start time and will fail to regulate. The maximum output
capacitor value (COUT_MAX) can be limited approximately with Equation:
��������������������������������_������������������������=���������������������������������_������������������������−���������������������������������×������������������������/��������������������������������
HM8116A


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn