データシートサーチシステム
Selected language   Japanese  ▼

Delete All
ON OFF
ALLDATASHEET.JP

X  

Preview PDF Download HTML

HM8116A データシート(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

部品番号. HM8116A
部品情報  Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
ダウンロード  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
メーカー  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
ホームページ  http://www.hmsemi.com/
Logo 

HM8116A Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

 
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Standoff 42V 1.2A 800KHz Sync Step-Down Regulator
Pin Description
Pin Configuration
5
SW
EN
IN
BS
FB
GND
4
6
2
3
1
TOP VIEW
SOT23-6
Top Marking: HOYLL (device code: HO, Y=year code, LL= lot number code)
Pin Description
Pin
Name
Function
1
BS
Bootstrap. A capacitor connected between SW and BST pins is required to form a
floating supply across the high-side switch driver.
2
GND
Ground Pin
3
FB
Adjustable Version Feedback input. Connect FB to the center point of the external
resistor divider
4
EN
Drive this pin to a logic-high to enable the IC. Drive to a logic-low to disable the
IC and enter micro-power shutdown mode.
5
IN
Power Supply Pin
6
SW
Switching Pin
Order Information (1)
Marking
Part No.
Model
Description
Package
T/R Qty
HOYLL
70301650
PSM SYN Buck, 4-38V, 1.2A,
800KHz, VFB 0.8V, SOT23-6
SOT23-6
3000PCS
Note (1): All H&M Semi parts are Pb-Free and adhere to the RoHS directive.
HM8116A


Html ページ

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




リンク URL



Privacy Policy
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   ブックマーク
   |   リンク交換   |   メーカーリスト
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn